Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR5010 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # MBR5010
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

MBR5010 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  MBR5010 Datasheet HTML 1Page - HY ELECTRONIC CORP. MBR5010 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload -240~500 amperes peak
Low forward voltage drop
Mounting position: Any
Electrically isolated base -2000 Volts
Solderable 0.25" FASTON terminals
Materials used carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MBR-W
MBR-W
MBR-W
MBR-W
MBR-W
MBR-W
MBR-W
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current at
@Tc=55℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Element at 5.0/7.5/12.5/17./25.0 Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@TA=25℃
Operating Temperature Rang
TJ
Storage Temperature Rang
TSTG
UNIT
SILICON BRIDGE RECTIFIERS
For capacitive load current by 20%
Resistive or inductive load 60HZ.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 10/15/25/35/50 Amperes
Dimensions in inches and (milimeters)
I(AV)
SYMBOL
~ 371 ~
-55 to +125
-55 to +125
IFSM
10.0
uA
CHARACTERISTICS
MBR10/15/25/35/50A W SERIES
A
IR
VF
A
V
1.1
MBRW
MBR
10W
10
15
25
35
50
240
300
400
400
500
MBR
15W
MBR
25W
MBR
35W
MBR
50W
.469(11.9)
.429(10.9)
.693(17.6)
.732(18.6)
.693(17.6)
.732(18.6)
1.114(28.3)
1.130(28.7)
.38(0.97)
.42(1.07)
(30.5)MIN
1.200
Hole for
No.8 screw
193"(4.9)diam
.335(8.5)
.295(7.5)
METAL HEAT SINK
1.130(28.7)
1.114(28.3)


Similar Part No. - MBR5010

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBR5010 GOOD-ARK-MBR5010 Datasheet
92Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
MBR5010 HY-MBR5010 Datasheet
357Kb / 3P
   Silicon Bridge Rectifiers
logo
Inchange Semiconductor ...
MBR50100PT ISC-MBR50100PT Datasheet
308Kb / 2P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBR50100WT MCC-MBR50100WT Datasheet
755Kb / 2P
   50 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
HY ELECTRONIC CORP.
MBR5010W HY-MBR5010W Datasheet
352Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - MBR5010

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com