Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS202 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RS202
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS202 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RS202 Datasheet HTML 1Page - HY ELECTRONIC CORP. RS202 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizong molded plastic
technique results in expensive product
Mounting position :Any
Lead: Sliver plated copper lead
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
RS201
RS202
RS203
RS204
RS205
RS206
RS207
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375″(9.5mm) Lead Lengths
@TA=40 ℃
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Maximum Forward Voltage Drop
Per Element at 2.0A Peak
Maximum DC Reverse Current at Rated
TA=25℃
uA
DC Blocking Voltage
TA=100℃
mA
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
~ 249 ~
10.0
1.0
1.1
V
VF
IR
30
Dimensions in inches and (millimeters)
RS201 thru RS207
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 2.0 Amperes
A
-55 to +125
2.0
-55 to +125
15.0
50
A
I(AV)
IFSM
RS-2
.571(14.5)
.610(15.5)
.709(19.0)
.669(17.0)
.551(14.0)
.512(13.0)
.276(7.0)
.236(6.0)
.148(3.75)
.108(2.75)
.028(0.7)TYP.
.035(0.9)DIA
(19.0)
.750
MIN.
.160(4.1)
.140(3.6)


Similar Part No. - RS202

ManufacturerPart #DatasheetDescription
logo
Bytes
RS202 BYTES-RS202 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS202 SECOS-RS202 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Shanghai Shunye Electro...
RS202 SHUNYE-RS202 Datasheet
208Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dc Components
RS202 DCCOM-RS202 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS202 SECOS-RS202 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
More results

Similar Description - RS202

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com