Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE400 Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # 1.5KE400
Description  GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1.5KE400 Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  1.5KE400 Datasheet HTML 1Page - HY ELECTRONIC CORP. 1.5KE400 Datasheet HTML 2Page - HY ELECTRONIC CORP. 1.5KE400 Datasheet HTML 3Page - HY ELECTRONIC CORP. 1.5KE400 Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.5KE SERIES
Type
Number
Type
Number
Reverse
Standoff
Voltage
Max.
Reverse
Leakage
Max.
Clamping
Voltage
Max.
Peak
Pulse
Max.
Voltage
Temp.
(UNI)
(BI)
VR(V)
Min(V)
Max(V)
It(mA)
IR(uA)
Vc(V)
Ipp(A)
%/℃
1.5KE62
1.5KE62C
50.2
55.8
68.2
1
5
89.0
16.90
0.104
1.5KE62A
1.5KE62CA
53.0
58.9
65.1
1
5
85.0
17.70
0.104
1.5KE68
1.5KE68C
55.1
61.2
74.8
1
5
98.0
15.30
0.104
1.5KE68A
1.5KE68CA
58.1
64.6
71.4
1
5
92.0
16.30
0.104
1.5KE75
1.5KE75C
60.7
67.5
82.5
1
5
108.0
13.90
0.105
1.5KE75A
1.5KE75CA
64.7
71.3
78.8
1
5
103.0
14.60
0.105
1.5KE82
1.5KE82C
66.4
73.8
90.2
1
5
118.0
12.70
0.105
1.5KE82A
1.5KE82CA
70.1
77.9
86.1
1
5
113.0
13.30
0.105
1.5KE91
1.5KE91C
73.7
81.9
100.0
1
5
131.0
11.40
0.106
1.5KE91A
1.5KE91CA
77.8
86.5
95.5
1
5
125.0
12.00
0.106
1.5KE100
1.5KE100C
81.0
90.0
110.0
1
5
144.0
10.40
0.106
1.5KE100A
1.5KE100CA
85.5
95.0
105.0
1
5
137.0
11.00
0.106
1.5KE110
1.5KE110C
89.2
99.0
121.0
1
5
158.0
9.50
0.107
1.5KE110A
1.5KE110CA
94.0
105.0
116.0
1
5
152.0
9.90
0.107
1.5KE120
1.5KE120C
97.2
108.0
132.0
1
5
173.0
8.70
0.107
1.5KE120A
1.5KE120CA
102.0
114.0
126.0
1
5
165.0
9.10
0.107
1.5KE130
1.5KE130C
105.0
117.0
143.0
1
5
187.0
8.00
0.107
1.5KE130A
1.5KE130CA
111.0
124.0
137.0
1
5
179.0
8.40
0.107
1.5KE150
1.5KE150C
121.0
135.0
165.0
1
5
215.0
7.00
0.108
1.5KE150A
1.5KE150CA
128.0
143.0
158.0
1
5
207.0
7.20
0.108
1.5KE160
1.5KE160C
130.0
144.0
176.0
1
5
230.0
6.50
0.108
1.5KE160A
1.5KE160CA
136.0
152.0
168.0
1
5
219.0
6.80
0.108
1.5KE170
1.5KE170C
138.0
153.0
187.0
1
5
244.0
6.20
0.108
1.5KE170A
1.5KE170CA
145.0
162.0
179.0
1
5
234.0
6.40
0.108
1.5KE180
1.5KE180C
146.0
162.0
198.0
1
5
258.0
5.80
0.108
1.5KE180A
1.5KE180CA
154.0
171.0
189.0
1
5
246.0
6.10
0.108
1.5KE200
1.5KE200C
162.0
180.0
220.0
1
5
287.0
5.20
0.108
1.5KE200A
1.5KE200CA
171.0
190.0
210.0
1
5
274.0
5.50
0.108
1.5KE220
1.5KE220C
175.0
198.0
242.0
1
5
344.0
4.30
0.108
1.5KE220A
1.5KE220CA
185.0
209.0
231.0
1
5
328.0
4.60
0.108
1.5KE250
1.5KE250C
202.0
225.0
275.0
1
5
360.0
5.00
0.110
1.5KE250A
1.5KE250CA
214.0
237.0
263.0
1
5
344.4
5.00
0.110
1.5KE300
1.5KE300C
243.0
270.0
330.0
1
5
430.0
5.00
0.110
1.5KE300A
1.5KE300CA
256.0
285.0
315.0
1
5
414.0
5.00
0.110
1.5KE350
1.5KE350C
284.0
315.0
385.0
1
5
504.0
4.00
0.110
1.5KE350A
1.5KE350CA
300.0
332.0
368.0
1
5
482.0
4.00
0.110
1.5KE400
1.5KE400C
324.0
360.0
440.0
1
5
574.0
4.00
0.110
1.5KE400A
1.5KE400CA
342.0
380.0
420.0
1
5
548.0
4.00
0.110
Breakdown
Voltage
BV Lolts@lt
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive .
1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
~ 206 ~


Similar Part No. - 1.5KE400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE400 PANJIT-1.5KE400 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Transys Electronics
1.5KE400 TRSYS-1.5KE400 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE400 DAESAN-1.5KE400 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE400 WTE-1.5KE400 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
1.5KE400 SOCAY-1.5KE400 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 1.5KE400

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
5KP HY-5KP Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE Datasheet
44Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE Datasheet
42Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com