Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2B Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # RS2B
Description  SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS2B Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  RS2B Datasheet HTML 1Page - HY ELECTRONIC CORP. RS2B Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
RS2A thru RS2M
~ 68 ~
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
0.5
0
25
1.0
1.5
50
75
100
125
150
175
2.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
0.1
1.0
0.01
10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
TJ = 25
°C
PULSE WIDTH 300us
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
50
40
30
20
10
0
60
10
2
5
20
50
100
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
TJ = 25
°C f = 1 MHZ
RS2A - RS2G
RS2J - RS2M


Similar Part No. - RS2B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RS2B SUNMATE-RS2B Datasheet
428Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Shanghai Sunrise Electr...
RS2B SSE-RS2B Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Anova Technologies CO.,...
RS2B ANOVA-RS2B Datasheet
248Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Shanghai Shunye Electro...
RS2B SY-RS2B Datasheet
1,017Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
RFE international
RS2B RFE-RS2B Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - RS2B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A Datasheet
168Kb / 2P
   SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A Datasheet
38Kb / 2P
   SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS1A HY-RS1A Datasheet
35Kb / 2P
   SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com