Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM15T3A-H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM15T3A-H
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM15T3A-H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM15T3A-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM15T3A-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM15T3A-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM15T3A-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
–3
10
–1
10
–2
10
0
10
0
10
1
10
7
5
3
2
7
5
3
2
7
5
3
2
2.5
0
7
5
3
2
0.5
1.0
1.5
2.0
0
040
20
10
80
30
70
60
50
40
30
20
10
535
15
25
θ=30°
60°
120°
90°
θ
360°
90
040
20
10
130
30
535
15
25
100
110
120
90°
θ=30° 60°
120°
θ
360°
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
MAXIMUM TRANSIENT THERMAL
IMPEDANCE (JUNCTION TO CASE)
(PER SINGLE ELEMENT)
MAXIMUM POWER DISSIPATION
(THREE PHASE FULLWAVE RECTIFIED)
DC OUTPUT CURRENT
(A)
LIMITING VALUE OF THE DC OUTPUT CURRENT
(THREE PHASE FULLWAVE RECTIFIED)
DC OUTPUT CURRENT
(A)
MITSUBISHI THYRISTOR MODULES
TM15T3A-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
TIME (s)


Similar Part No. - TM15T3A-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM150SA-6 MITSUBISHI-TM150SA-6 Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
logo
GSR Technology Ltd
TM150TDS50 GSR-TM150TDS50 Datasheet
319Kb / 2P
   TFT Modules
TM150TDSG52 GSR-TM150TDSG52 Datasheet
265Kb / 2P
   TFT Modules
TM150TDSG70 GSR-TM150TDSG70 Datasheet
321Kb / 2P
   TFT Modules
TM150TDSG71 GSR-TM150TDSG71 Datasheet
265Kb / 2P
   TFT Modules
More results

Similar Description - TM15T3A-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com