Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBU1502 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBU1502
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU1502 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBU1502 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU1502 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
KBU 10/15/25/35A SERIES
~ 256 ~
FIG.3
– TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
KBU 25
KBU 15
KBU 10
KBU 35
0.1
1.0
0.01
10
100
0.2
0.6
0.8
1.0
1.2
1.4
0.4
240
350
300
400
KBU25/35
KBU15
KBU10
FIG. 1
– MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
10
100
FIG.4
– TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 25
°C
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
CASE TEMPERATURE (℃)
FIG. 2
– DERATING CURVE OUTPUT RECTIFIED CURRENT
50
40
20
10
0
30
100
150
KBU35
KBU25
KBU15
KBU10


Similar Part No. - KBU1502

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBU1502 YANGJIE-KBU1502 Datasheet
269Kb / 2P
   SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBU1502 CHENG-YI-KBU1502 Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBU1502 RFE-KBU1502 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Electronics ...
KBU1502 CHENDA-KBU1502 Datasheet
540Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBU1502 YANGJIE-KBU1502 Datasheet
96Kb / 2P
   Bridge Rectifier
More results

Similar Description - KBU1502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com