Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSMH-1005-18NK-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSMH-1005-18NK-B
Description  High Frequency Multilayer Chip Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSMH-1005-18NK-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSMH-1005-18NK-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width)
B=Bulk
T=Tape & Reel
Inductance Code
Tolerance
S=0.3nH, J=5%, K=10%, M=20%
LSMH - 1005 - 1N0 S - T
High Frequency Multilayer Chip Inductor
(LSMH-1005 Series)
Features
Inductance Range
1.0 nH to 47 nH
Tolerance
0.3 nH, 5%, 10%, 20%
Operating Temperature
-25°C to +85°C
Electrical Specifications
Inductance
Code
Inductance
(nH)
Available
Tolerance
Q
Min
LQ Test Freq
(MHz)
SRF
(MHz)
RDC
(mA)
IDC
(mA)
1N0
1.0
S
9
100
6000
0.10
400
1N2
1.2
S
9
100
6000
0.10
400
1N5
1.5
S
10
100
6000
0.10
400
1N8
1.8
S
10
100
6000
0.10
400
2N2
2.2
S
10
100
6000
0.12
400
2N7
2.7
S
11
100
6000
0.12
400
3N3
3.3
J, K, M
11
100
5200
0.15
400
3N9
3.9
J, K, M
11
100
5150
0.15
400
4N7
4.7
J, K, M
11
100
4800
0.18
400
5N6
5.6
J, K, M
11
100
4100
0.20
400
6N8
6.8
J, K, M
11
100
3800
0.25
400
8N2
8.2
J, K, M
12
100
3500
0.25
400
10N
10
J, K, M
12
100
3300
0.30
400
12N
12
J, K, M
12
100
2600
0.30
400
15N
15
J, K, M
12
100
2300
0.40
400
18N
18
J, K, M
12
100
2050
0.50
400
22N
22
J, K, M
12
100
1900
0.60
400
27N
27
J, K, M
12
100
1700
0.60
400
33N
33
J, K, M
12
100
1550
0.80
300
39N
39
J, K, M
12
100
1450
1.00
300
47N
47
J, K, M
12
100
1300
1.20
300
1.0 ± 0.15
0.50 ± 0.15
0.50 ± 0.15
0.25 ± 0.15
0.25 ± 0.15
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSMH-1005-18NK-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSMH-1005-18NK-B CALIBER-LSMH-1005-18NK-B Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
More results

Similar Description - LSMH-1005-18NK-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Samsung semiconductor
CIH05T1N2SNC SAMSUNG-CIH05T1N2SNC Datasheet
204Kb / 3P
   Multilayer High Frequency inductor
logo
Murata Manufacturing Co...
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
logo
Taiyo Yuden (U.S.A.), I...
HK10053N9J TAIYO-YUDEN-HK10053N9J Datasheet
107Kb / 2P
   MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com