Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL02TB1R5J Datasheet(PDF) 4 Page - ABCO ELECTRONICS CO.LTD

Part # AL02TB1R5J
Description  LEADED INDUCTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

AL02TB1R5J Datasheet(HTML) 4 Page - ABCO ELECTRONICS CO.LTD

  AL02TB1R5J Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD AL02TB1R5J Datasheet HTML 9Page - ABCO ELECTRONICS CO.LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
47
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Measuring
Self-Resonant
DC
Rate
Ordering Code
Inductance
Inductanced
Q
Frequency
Frequency
Resistance
Current
[
µH]
Tolerance
(min.)
[MHz]
[MHz]
[
Ω ]
[mA]
(min.)
(max.)
(max.)
ITEM PART NUMBERS
●AL02
AL02T
R22K
0.22
410
0.40
400
AL02T
R27K
0.27
410
0.43
380
AL02T
R33K
0.33
360
0.48
370
AL02T
R39K
0.39
300
0.51
350
AL02T
R47K
0.47
230
0.56
330
AL02T
R56K
0.56
210
0.61
320
AL02T
R68K
0.68
190
0.67
310
AL02T
R82K
0.82
170
0.74
290
AL02T
1R0K
1.0
150
0.80
270
AL02T
1R2K
1.2
110
0.90
260
AL02T
1R5K
1.5
80
1.0
250
AL02T
1R8K
1.8
60
1.1
240
AL02T
2R2K
2.2
45
1.2
230
AL02T
2R7K
2.7
40
1.3
220
AL02T
3R3K
3.3
38
1.4
210
AL02T
3R9K
3.9
35
1.6
200
AL02T
4R7K
4.7
32
1.7
190
AL02T
5R6K
5.6
30
1.9
180
AL02T
6R8K
6.8
28
2.0
175
AL02T
8R2K
8.2
26
2.2
165
AL02T
100K
10
24
2.3
160
AL02T
120K
12
22
2.5
150
AL02T
150K
15
20
2.8
145
AL02T
180K
18
18
3.1
140
AL02T
220K
22
17
3.4
130
AL02T
270K
27
16
4.3
80
AL02T
330K
33
14
4.7
76
AL02T
390K
39
13
5.2
74
AL02T
470K
47
12
5.8
70
AL02T
560K
56
11
6.4
68
AL02T
680K
68
10
7.2
64
AL02T
820K
82
9.5
11
46
AL02T
101K
100
9.0
12
44
AL02T
121K
120
8.0
13
42
AL02T
151K
150
6.0
16
39
AL02T
181K
180
5.5
18
37
AL02T
221K
220
5.0
20
35
AL02T
271K
270
4.6
26
28
AL02T
331K
330
4.4
27
26
AL02T
391K
390
4.1
28
25
AL02T
471K
470
3.7
30
24
± 10%
(
± 5%)
35
25.2
7.96
2.52
0.796
40
*please specify the taping configuration code.
*
: A, B, R


Similar Part No. - AL02TB1R5J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL023 AVX-AL023 Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5GTR AVX-AL02302N5GTR Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5GTS AVX-AL02302N5GTS Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5JTR AVX-AL02302N5JTR Datasheet
696Kb / 7P
   Air Core RF Inductors
AL02302N5JTS AVX-AL02302N5JTS Datasheet
696Kb / 7P
   Air Core RF Inductors
More results

Similar Description - AL02TB1R5J

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR370-3-391 DATATRONICS-DR370-3-391 Datasheet
108Kb / 1P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
LHL08TB180K TAIYO-YUDEN-LHL08TB180K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB182J TAIYO-YUDEN-LHL08TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB100M TAIYO-YUDEN-LHLP10TB100M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP10TB101K TAIYO-YUDEN-LHLP10TB101K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com