Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5405-BM Datasheet(PDF) 2 Page - Intersema Sensoric SA

Part # MS5405-BM
Description  MINIATURE SMD PRESSURE SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5405-BM Datasheet(HTML) 2 Page - Intersema Sensoric SA

  MS5405-BM Datasheet HTML 1Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 2Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 3Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 4Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 5Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 6Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 7Page - Intersema Sensoric SA MS5405-BM Datasheet HTML 8Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DA54XX_011
May 9th, 2007
2
000054xx280 ECN 927
PIN DESCRIPTION
Pin Name
Pin No.
Function
OUT-
1
Negative output voltage of Wheatstone bridge
GND
2
Ground
VS+
3
Supply voltage of Wheatstone bridge
OUT+
4
Positive output voltage of Wheatstone bridge
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Notes
Supply voltage
VS+
Ta = 25 oC
-
20
V
Storage temperature
TS
-40
+125
oC
Overpressure MS5401-AM
MS5401-BM
MS5407-AM
MS5405-BM
MS5412-BM
P
Ta = 25 oC
-
-
-
-
-
5
10
21
30
30
bar
-
(1)
(2)
(3)
-
NOTES
1) The MS5401-BM is qualified referring to ISO Standard 2281 and can withstand an absolute pressure of 11 bar in
salt water or 100 m water respectively.
2) The MS5407-AM is qualified referring to ISO Standard 2281 and can withstand an absolute pressure of
21 bar in salt water or 200 m water respectively.
3) The MS5405-BM is qualified referring to ISO Standard 2281 and can withstand an absolute pressure of
26 bar in salt water or 250 m water respectively.


Similar Part No. - MS5405-BM

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5401-AM INTERSEMA-MS5401-AM Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5401-APF INTERSEMA-MS5401-APF Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5401-BM INTERSEMA-MS5401-BM Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5401-BPF INTERSEMA-MS5401-BPF Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5407-AM INTERSEMA-MS5407-AM Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
More results

Similar Description - MS5405-BM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS54XX TEC-MS54XX Datasheet
177Kb / 10P
   Miniature SMD Pressure Sensor
logo
Intersema Sensoric SA
MS54XX INTERSEMA-MS54XX_09 Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD_08 Datasheet
279Kb / 6P
   SMD PRESSURE SENSOR
MS52XX INTERSEMA-MS52XX Datasheet
228Kb / 8P
   SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD Datasheet
395Kb / 6P
   SMD PRESSURE SENSOR
logo
Reed Relays and Electro...
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com