Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5401-AM Datasheet(PDF) 5 Page - Intersema Sensoric SA

Part # MS5401-AM
Description  MINIATURE SMD PRESSURE SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5401-AM Datasheet(HTML) 5 Page - Intersema Sensoric SA

  MS5401-AM Datasheet HTML 1Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 2Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 3Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 4Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 5Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 6Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 7Page - Intersema Sensoric SA MS5401-AM Datasheet HTML 8Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DA54XX_011
May 9th, 2007
5
000054xx280 ECN 927
APPLICATION INFORMATION
GENERAL
The MS54XX is a miniaturised absolute pressure sensor series which has been designed for surface mounting
applications. Its main advantages are the high reliability of the semiconductor sensor and a design which makes
it suitable for applications requiring small-scale and cost-efficient solutions.
The sensor element of the MS54XX consists of a micromachined silicone membrane with Pyrex glass wafer-
bonded under vacuum to the backside for reference pressure. Implanted resistors make use of the piezo-
resistive effect to sense pressure applied to the membrane. The sensor is mounted in a special process
allowing best-offset stability making the part suitable for direct PCB assembly.
Typical applications for this miniaturised pressure sensor MS54XX are altitude measurements and the
measurement of atmospheric reference pressure in medical and industrial equipment as well as in automotive
and household applications, consumer electronics and pneumatics.
Full Scale
Pressure
High Sensitivity Versions
(MS54XX-AM)
High Linearity Versions
(MS54XX-BM)
1 bar
Variometer, Altimeter, Barometer
High End Altimeter, Medical
Instrumentation
5 bar
Diving computers labelled 250 m
7 bar
Electronic Scale
Divers Watch, Tire Pressure, High End
Electronic Scale
12 bar
Pneumatic Brake, Diving Computer
HUMIDITY, WATER PROTECTION
The MS54XX carries a anticorrosive and antimagnetic stainless steel protection cap filled with silicone gel for
enhanced protection against humidity. The properties of this gel ensure function of the sensor even when in
direct water contact. This feature can be useful for waterproof watches or other applications, where direct water
contact cannot be avoided. Nevertheless the user should avoid drying of hard materials like for example salt
particles on the silicone gel surface. In this case it is better to rinse with clean water afterwards. Special care
has to be taken to not mechanically damage the gel. Damaged gel could lead to air entrapment and
consequently to unstable sensor signal, especially if the damage is close to the sensor surface.
The metal cap is fabricated of special anticorrosive stainless steel in order to avoid any corrosive battery effects
inside the final product. The MS5401-BM are qualified referring to the ISO Standard 2281 and can withstand a
pressure of 11 bar in salt water. The concentration of the see water used for the qualification is 41 g of see salt
for 1 litre of DI water. The MS5405-BM and the MS5407-AM did also pass the salt-water test with a pressure
capability of 26 and 21 bar respectively.
For underwater operations as specified in ISO Standard 2281 it is important to seal the sensor with a rubber O-
ring around the metal cap. Any salt water coming to the contact side (ceramic and pads) of the sensor could
lead to permanent damage. Especially for "water-resistant 100 m" watches and for diving computers, it is
recommended to provide a stable mechanical pusher from the backside of the sensor. Otherwise the
overpressure might push the sensor backwards and even bend the electronic board on which the sensor is
mounted.
LIGHT SENSITIVITY
The MS54XX is sensitive to sunlight, especially to infrared light sources. This is due to the strong photo effect of
silicon. As the effect is reversible there will be no damage, but the user has to take care that in the final product
the sensor cannot be exposed to direct light during operation. This can be achieved for instance by placing
mechanical parts with holes in such that light cannot pass.


Similar Part No. - MS5401-AM

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5401-AM INTERSEMA-MS5401-AM Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
More results

Similar Description - MS5401-AM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS54XX TEC-MS54XX Datasheet
177Kb / 10P
   Miniature SMD Pressure Sensor
logo
Intersema Sensoric SA
MS54XX INTERSEMA-MS54XX_09 Datasheet
194Kb / 10P
   MINIATURE SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD_08 Datasheet
279Kb / 6P
   SMD PRESSURE SENSOR
MS52XX INTERSEMA-MS52XX Datasheet
228Kb / 8P
   SMD PRESSURE SENSOR
MS5201-XD INTERSEMA-MS5201-XD Datasheet
395Kb / 6P
   SMD PRESSURE SENSOR
logo
Reed Relays and Electro...
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
   Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
   Ultra-Miniature SMD Reed Sensor
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com