Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5534-BP Datasheet(PDF) 20 Page - Intersema Sensoric SA

Part # MS5534-BP
Description  BAROMETER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5534-BP Datasheet(HTML) 20 Page - Intersema Sensoric SA

Back Button MS5534-BP Datasheet HTML 13Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 14Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 15Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 16Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 17Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 18Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 19Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 20Page - Intersema Sensoric SA MS5534-BP Datasheet HTML 21Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
20
00005534B784
ECN 711
CLEANING
The MS5534B has been manufactured under cleanroom conditions. Each device has been inspected for the
homogeneity and the cleanness of the silicone gel. It is therefore recommended to assemble the sensor under
class 10’000 or better conditions. Should this not be possible, it is recommended to protect the sensor opening
during assembly from entering particles and dust. To avoid cleaning of the PCB, solder paste of type “no-clean”
shall be used. Cleaning might damage the sensor!
ESD PRECAUTIONS
The electrical contacts except programming pads are protected against ESD according to 2 kV HBM (human body
model). The PV programming pad is more sensitive due to the nature of the OTP programming cells that store the
calibration coefficients. The breakdown voltage of PV is 1 kV. It is therefore essential to ground machines and
personal properly during assembly and handling of the device. The MS5534B is shipped in antistatic transport
boxes. Any test adapters or production transport boxes used during the assembly of the sensor shall be of an
equivalent antistatic material.


Similar Part No. - MS5534-BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534-BP ETC-MS5534-BP Datasheet
1,015Kb / 21P
   BAROMETER MODULE
More results

Similar Description - MS5534-BP

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
   BAROMETER MODULE
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
   BAROCAP Barometer PTB110
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com