Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78XX Datasheet(PDF) 8 Page - Estek Electronics Co. Ltd

Part # 78XX
Description  3-Terminal Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78XX Datasheet(HTML) 8 Page - Estek Electronics Co. Ltd

  78XX Datasheet HTML 1Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 2Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 3Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 4Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 5Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 6Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 7Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 8Page - Estek Electronics Co. Ltd 78XX Datasheet HTML 9Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Electrical Characteristics
7824
Electrical characteristics at specified virtual junction temperature, V I= 33V, IO
= 500mA (unless otherwise noted)
78XX
Output voltage**
Parameter
Test Conditions*
7824
Min
Typ
Max
25°
C
23
24
25
Units
IO= 5mA to 1A,
VI= 27V to 38V, P≤
C to 125°
C
22.8
24
25.2
V
Input regulation
VI= 27V to 38V
VI= 30V to 36V
25°
C
18
480
6
240
mV
Ripple rejection
VI= 28V to 38V,
f= 120Hz
C to 125°
C
50
66
dB
Output regulation
IO= 5mA to 1.5A
IO= 250mA to 750mA
25°
C
12
480
4
240
mV
Output resistance
f= 1KHz
C to 125°
C
0.028
Temperature coefficient of output voltage
IO= 5mA
C to 125°
C
-1.5
mV/°
C
Output noise voltage
f= 10 Hz to 100 KHz
25°
C
170
µ
V
Dropout voltage
IO= 1A
25°
C
2.0
V
Bias current
25°
C
4.6
8
Bias current change
VI= 27V to 38V
IO= 5mA to 1A
C to 125°
C
1
0.5
mA
Short-circuit output current
25°
C
150
Peak output current
25°
C
2.1
A
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately.
**
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
Electrical Characteristics
7827
Electrical characteristics at specified virtual junction temperature, V I= 36V, IO
= 500mA (unless otherwise noted)
Output voltage**
Parameter
Test Conditions*
IO= 5mA to 1A,
VI= 30V to 40V, P≤15W
MIK7827
Min
Typ
Max
25°
C
25.9
27
28.1
C to 125°
C
25.7
27
28.3
Units
V
Input regulation
VI= 30V to 40V
VI= 33V to 39V
25°
C
25
540
10
270
mV
Ripple rejection
VI= 30V to 40V,
f= 120Hz
C to 125°
C
50
64
dB
Output regulation
IO= 5mA to 1.5A
IO= 250mA to 750mA
25°
C
20
540
9
270
mV
Output resistance
f= 1KHz
C to 125°
C
0.030
Temperature coefficient of output voltage
IO= 5mA
C to 125°
C
-1.6
mV/°
C
Output noise voltage
f= 10 Hz to 100 KHz
25°
C
200
µ
V
Dropout voltage
IO= 1A
25°
C
2.0
V
Bias current
25°
C
4.8
8
mA
Bias current change
VI= 30V to 40V
IO= 5mA to 1A
C to 125°
C
1
0.5
Short-circuit output current
25°
C
120
Peak output current
25°
C
2.1
A
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately.
**
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
8
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Description - 78XX

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05_1 Datasheet
122Kb / 3P
   3-Terminal Regulators
78LXX ESTEK-78LXX_1 Datasheet
3Mb / 7P
   3-Terminal Regulators
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com