Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C020-DITG-S Datasheet(PDF) 9 Page - Estek Electronics Co. Ltd

Part # K24C020-DITG-S
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C020-DITG-S Datasheet(HTML) 9 Page - Estek Electronics Co. Ltd

Back Button K24C020-DITG-S Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C020-DITG-S Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
P R O M
¡Absolute Maximum Stress Ratings
DC Supply Voltage . . . . . . . . . . . . . . . . .-0.3V to +6.5V
Input / Output Voltage . . . . . . . .GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . . . . -40。C to +85。C
Storage Temperature . . . . . . . . . . . . -65。C to +150。C
Electrical Characteristics
¡Comments
Stresses above those listed under "Absolute Maximum Ratings"
may cause permanent damage to this device. These are stress
ratings only. Functional operation of this device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied or intended. Exposure to the
absolute maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
¡Applicable over recommended operating range from: TA= -40
。C to +85 。C, VCC = +1.8V to +5.5V (unless otherwise noted)
Parameter
Supply Voltage
Supply Current VCC = 5.0V
Supply Current VCC = 5.0V
Standby Current
5.5
1.0
3.0
1.0
Max.
READ at 100 kHz
WRITE at 100 kHz
VIN = VCC or GND
Condition
1.8
-
-
-
Min.
VCC
ICC1
ICC2
ISB
Symbol
-
0.4
2.0
-
Typ.
V
mA
mA
Unit
A
Input Leakage Current
Output Leakage Current
Input Low Level
Output Low Level VCC =1.8V
Output Low Level VCC =5.0V
Input High Level
Output Low Level VCC =3.0V
3.0
3.0
VCC X 0.3
0.2
0.4
VCC + 0.5
0.4
VIN = VCC or GND
VOUT = VCC or GND
IOL = 0.15 mA
IOL = 3.0 mA
IOL = 2.1 mA
-
-
-0.6
-
-
VCC X 0.7
-
ILI
ILO
VIL
VOL1
VOL3
VIH
VOL2
-
0.05
-
-
-
-
-
V
V
V
V
V
A
A
Pin Capacitance
¡Applicable over recommended operating range from TA = 25
。C, f = 1.0 MHz, VCC = +1.8V
Parameter
Input/Output Capacitance (SDA)
Input Capacitance (A0, A1, A2,
8
6
Max.
VIN = 0V
Condition
-
-
Min.
CI/O
CIN
Symbol
-
-
Typ.
pF
pF
Unit
SCL)
VI/O = 0V
9
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C020-DITG-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C02C ETC-K24C02C Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C020-DITG-S

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com