Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C020-WCTG-S Datasheet(PDF) 6 Page - Estek Electronics Co. Ltd

Part # K24C020-WCTG-S
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C020-WCTG-S Datasheet(HTML) 6 Page - Estek Electronics Co. Ltd

Back Button K24C020-WCTG-S Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C020-WCTG-S Datasheet HTML 10Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
O M
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then clock in the first 8-
bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0" and the addressing device, such
as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an
internally timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the
EEPROM will not respond until the write is complete (see Figure 5 on page 7).
PAGE WRITE: The 2K EEPROM is capable of an 8-byte page write, and the 4K, 8K and 16K devices are capable of
16-byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first
data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can
transmit up to seven (2K) or fifteen (4K, 8K, 16K) more data words. The EEPROM will respond with a "0" after each
data word received. The microcontroller must terminate the page write sequence with a stop condition (see Figure 6 on
page 7).
The data word address lower three (2K) or four (4K, 8K, 16K) bits are internally incremented following the receipt of
each data word. The higher data word address bits are not incremented, retaining the memory page row location. When
the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the
same page. If more than eight (2K) or sixteen (4K, 8K, 16K) data words are transmitted to the EEPROM, the data word
address will "roll over" and previous data will be overwritten.
ACKNOWLEDGE POLLING: Once the internally timed write cycle has started and the EEPROM inputs are disabled,
acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM
respond with a "0", allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the
device address word is set to "1". There are three read operations: current address read, random address read and
sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during
the last read or write operation, incremented by one. This address stays valid between operations as long as the chip
power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte
of the first page. The address "roll over" during write is from the last byte of the current page to the first byte of the
same page.
Once the device address with the read/write select bit set to "1" is clocked in and acknowledged by the EEPROM, the
current address data word is serially clocked out. The microcontroller does not respond with an input "0" but does
generate a following stop condition (see Figure 7 on page 8).
6
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C020-WCTG-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C02C ETC-K24C02C Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C020-WCTG-S

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com