Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1A05A2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A05A2
Description  OPIC Photointerrupter with Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A05A2 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A05A2 Datasheet HTML 1Page - Sharp Corporation GP1A05A2 Datasheet HTML 2Page - Sharp Corporation GP1A05A2 Datasheet HTML 3Page - Sharp Corporation GP1A05A2 Datasheet HTML 4Page - Sharp Corporation GP1A05A2 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1A05A2
s Electro-optical Characteristics
Parameter
Symbol
VCC
ICCL
VOL
ICCH
VOH
f
MIN.
4.5
VCC
×0.9
TYP.
Unit
V
mA
V
mA
V
Hz
Operating supply voltage
Low level supply current
Low level output voltage
High level supply current
High level output voltage
*4 Refer to Fig.1
Conditions
Light beam uninterrupted
Light beam uninterrupted, IOL
=16mA
Light beam interrupted
Light beam interrupted, RL
=47kΩ
No DC output is allowed, RL
=47kΩ
*4 Response frequency
MAX.
5.5
30
0.35
30
3 000
(Unless otherwise specified, VCC
=5V, Ta=25˚C)
Fig.1 Response Frequency
Disk
0.5
0.5
Response frequency is measured with the disk shown below being rotated. (Unit : mm)
0
25
50
75
100
−20
60
50
40
30
20
10
16.6
0
Ambient temperature Ta (˚C)
1
10
100
2
5
20
50
1.0
0.5
0.2
0.1
0.01
0.02
0.05
VCC=5V
Ta
=25˚C
Low level output current IOL (mA)
Fig.2 Low Level Output Current vs.
Ambient Temperature
Fig.3 Low Level Output Voltage vs.
Low Level Output Current


Similar Part No. - GP1A05A2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05A2J00F SHARP-GP1A05A2J00F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
More results

Similar Description - GP1A05A2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
   Small Size OPIC Photointerrupter with Connector
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
   OPIC Photointerrupter
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
   OPIC Photointerrupter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com