Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH8D28HPNP-100NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH8D28HPNP-100NB
Description  Power Inductors Type: CDRH Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D28HPNP-100NB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D28HPNP-100NB Datasheet HTML 1Page - Sumida Corporation CDRH8D28HPNP-100NB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH8D28 , CDRH8D28/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification (CDRH8D28)
Part Name
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
Saturation
Current
A)※1
Temperature
Rise current
(A) ※2
CDRH8D28NP-1R0N□
1R0
1.0µH ± 30%
11.0(8)
6.50
7.0
CDRH8D28NP-2R5N□
2R5
2.5µH ± 30%
15.6(12)
4.50
6.40
CDRH8D28NP-3R3N□
3R3
3.3µH ± 30%
18.2(14)
4.00
6.00
CDRH8D28NP-4R7N□
4R7
4.7µH ± 30%
24.7(19)
3.40
4.50
CDRH8D28NP-7R3N□
7R3
7.3µH ± 30%
39.0(30)
2.80
3.40
CDRH8D28NP-100N□
100
10µH ± 30%
47.0(36)
2.50
3.20
CDRH8D28NP-150N□
150
15µH ± 30%
69.0(53)
1.90
2.35
CDRH8D28NP-220N□
220
22µH ± 30%
99.0(76)
1.60
1.85
CDRH8D28NP-330N□
330
33µH ± 30%
156(120)
1.30
1.45
CDRH8D28NP-470N□
470
47µH ± 30%
195(150)
1.15
1.30
CDRH8D28NP-680N□
680
68µH ± 30%
286(220)
0.92
0.98
CDRH8D28NP-101N□
101
100µH ± 30%
430(330)
0.75
0.80
Specification (CDRH8D28/HP)
Saturation Current
A)※1
Part Name
Stamp
Inductance
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
( 20℃)
( 20℃)
(100℃)
Temperature
rise current
(A)※2
CDRH8D28HPNP-3R3N□
3R3H
3.3µH±30%
35(27)
6.50
4.60
3.80
CDRH8D28HPNP-4R7N□
4R7H
4.7µH±30%
40(31)
4.50
3.60
3.60
CDRH8D28HPNP-7R3N□
7R3H
7.3µH±30%
66(51)
4.00
3.10
2.40
CDRH8D28HPNP-100N□
100H
10µH±30%
78(60)
3.40
2.50
2.10
CDRH8D28HPNP-150N□
150H
15µH±30%
125(96)
2.80
2.30
1.70
CDRH8D28HPNP-220N□
220H
22µH±30%
182(140)
2.50
1.90
1.35
CDRH8D28HPNP-330N□
330H
33µH±30%
286(220)
1.90
1.60
1.10
CDRH8D28HPNP-470N□
470H
47µH±30%
345(265)
1.60
1.36
1.00
CDRH8D28HPNP-680N□
680H
68µH±30%
520(400)
1.30
1.10
0.80
Description of part name
CDRH8D28HPNP-3R3N□
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).


Similar Part No. - CDRH8D28HPNP-100NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH8D28HPNP-100NC SUMIDA-CDRH8D28HPNP-100NC Datasheet
145Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDRH8D28HPNP-100NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125NP-100MC SUMIDA-CDRH125NP-100MC Datasheet
191Kb / 4P
   Power Inductors
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH127LDNP-470MC SUMIDA-CDRH127LDNP-470MC Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com