Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4T48-5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS4T48-5
Description  4 W DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS4T48-5 Datasheet(HTML) 3 Page - STMicroelectronics

  GS4T48-5 Datasheet HTML 1Page - STMicroelectronics GS4T48-5 Datasheet HTML 2Page - STMicroelectronics GS4T48-5 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics – All Rights Reserved
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® CSA is a registered trademark of CANADIAN STANDARDS ASSOCIATION.
® TUV is a registered trademark of TUV Rheinland.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
GS4T48-5


Similar Part No. - GS4T48-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS4-0.5 ETC2-GS4-0.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-1 ETC2-GS4-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-10 ETC2-GS4-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-2.5 ETC2-GS4-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS4-6 ETC2-GS4-6 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

Similar Description - GS4T48-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
   8 W DC-DC Converter
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
   5 W DC-DC CONVERTER
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
   30 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
   100 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
   8 W DC-DC Converter
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
   2 W DC-DC CONVERTER
logo
Power Integrations, Inc...
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
   16.5 W DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
   19.2 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S3.3-66R WALL-MPQ48S3.3-66R Datasheet
422Kb / 7P
   66 W DC-DC Converter
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
   83 W DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com