Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD8RNP-681MB Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD8RNP-681MB
Description  General Power Transformer Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD8RNP-681MB Datasheet(HTML) 1 Page - Sumida Corporation

  CMD8RNP-681MB Datasheet HTML 1Page - Sumida Corporation CMD8RNP-681MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-8R
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
10
2.0
Product Description
8.7×8.5mm Max.(L×W), 6.7mm Max. Height.
Inductance range: 22μH~1.0mH
Rated current range: 0.20A~1.40A
8 Terminal pins’ type gives a flexible design as inductors or transformers.
Custom design is available.
Feature
Magnetically shielded construction.
Max. Operating frequency 500kHz, Max Operating Power1.9W (500kHz).
Ideally used in DSC/DVC,PDA, Power supply module etc as DC-DC Converter transformers,
can also be used as power chokes.
RoHS Compliance
Dimensions(mm)
Land Pattern (mm)
Specification (for transformers)
Schematics (Bottom)
“ S” is winding start.
Sample No.
Inductance (8-5)
1kHz/1V
Hi-pot
(1,3,4)-(5,8)
6308-T074
8.5mH±15% Within
DC 600V/2 Sec.
8.2±0.5
6.7 MAX.
10.8±0.5
9.2±0.5
4
3
2
1
5
6
7
8
S
S
S


Similar Part No. - CMD8RNP-681MB

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830-875P10A SIPAT-CMD810C830-875P10A Datasheet
455Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C830/875P10A SIPAT-CMD810C830/875P10A Datasheet
449Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
CMD810C897 SIPAT-CMD810C897 Datasheet
474Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE
CMD810C897-942P24A SIPAT-CMD810C897-942P24A Datasheet
468Kb / 5P
   DIELECTRIC DUPLEXER SAMPLE SPECIFICATION
More results

Similar Description - CMD8RNP-681MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CMD-6 SUMIDA-CMD-6 Datasheet
124Kb / 2P
   General Power Transformer
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
   General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
   General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
   General Power Transformer
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
   General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
   General Power Transformer < SMD Type: CLQ Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com