Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMX-532AB20C1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMX-532AB20C1
Description  0.8mm Ceramic Surface Mount Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMX-532AB20C1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMX-532AB20C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FMX-532 Series (Metal Lid, Seam Weld)
0.8mm Ceramic Surface Mount Crystal
Frequency Range
10.000MHz to 48.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F See above for details.
Other Combinations Available.
Contact Factory for Custom
Specifications.
Operating Temperature Range
A, B, C, D, E, F, G, H (See Table 1)
Storage Temperature Range
-55°C to 100°C
Load Capacitance
“S” Option
“XX” Option
Series
10pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
100uW Maximum, 100uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 2002-D
Aging @ 25°C
±2ppm / year Maximum
Shunt Capacitance
5pF Maximum
TABLE 1: PART NUMBERING CODES
Operating
Temperature
Frequency Stability (±ppm)
* Denotes Availability of Options
Range
±5
ppm
±10
ppm
±15
ppm
±20
ppm
±30
ppm
±50
ppm
Code
A
B
C
D
E
F
-10 to 60°C
A
*
*
*
*
*
*
-20 to 70°C
B
*
*
*
*
*
0 to 70°C
C
*
*
*
*
*
-10 to 70°C
D
*
*
*
*
*
-20 to 70°C
E
*
*
*
*
*
-30 to 60°C
F
*
*
*
-20 to 80°C
G
*
*
*
-40 to 85°C
H
*
*
*
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz)
ESR (ohms)
Mode / Cut
12.000 to 19.990MHz
50
Fundamental / AT
20.000 to 29.999MHz
50
Fundamental / AT
30.000 to 48.000MHz
50
Fundamental / AT
MECHANICAL DIMENSIONS
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
FMX - 532 E G 20 C 1 - 29.4912MHz
Package
5X3.2X0.8mm max. ht. / Seam Weld (Metal Lid Package
Mode of Operation
Tolerance
1=Fundamental
A=±10ppm
3=Third Overtone
B=±15ppm
Operating Temperature Range
C=±20ppm
Per Table 1
D=±30ppm
E=±50ppm
Stability
Load Capacitance
A=±5ppm
/
B=±10ppm
S=Series, XX=XXpF (Pico Farads)
C=±15ppm /
D=±20ppm
E=±30ppm /
F=±50ppm
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Pad
Connection
1 Crystal In
2 Ground
3 Crystal Out
4 Ground
All Dimensions in mm.
5.0
±0.20
3.20
±0.20
4
1
3
2
0.8 ±0.1
2.3±0.10
1.20X4
0.85X4
1.6
1.9
1.6
0.7
1.35
1.35
Recommended Solder Pattern
Marking Guide
16.000M
CEIYM
16.000M= Frequency
CEI = Caliber Electronis Inc.
YM = Date Code (Yr./Mth)


Similar Part No. - FMX-532AB20C1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
FMX-532AB20C1 CALIBER-FMX-532AB20C1 Datasheet
30Kb / 1P
   0.8mm Ceramic Surface Mount Crystal
More results

Similar Description - FMX-532AB20C1

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
FMX-532 CALIBER-FMX-532 Datasheet
30Kb / 1P
   0.8mm Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
   Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
   Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM62 ECLIPTEK-ECCM62 Datasheet
458Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM5B VANLONG-SM5B Datasheet
35Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6_13 Datasheet
45Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com