Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS25T48-12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS25T48-12
Description  25/30 W DC-DC CONVERTER FAMILY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS25T48-12 Datasheet(HTML) 4 Page - STMicroelectronics

  GS25T48-12 Datasheet HTML 1Page - STMicroelectronics GS25T48-12 Datasheet HTML 2Page - STMicroelectronics GS25T48-12 Datasheet HTML 3Page - STMicroelectronics GS25T48-12 Datasheet HTML 4Page - STMicroelectronics GS25T48-12 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package F. Dimensions in mm. (inches)
CONNECTION DIAGRAM AND MECHANICAL DATA
4/5
PIN DESCRIPTION
Pin
Function
Description
1
- IN
Negative input voltage.
2
+IN
Positive input voltage. Unregulated input voltage (typically 48V) must be applied between
pins 1-2. The input section of the DC-DC converter is protected against reverse polarity by
a series diode. No external fuse is required. Input is filtered by a Pi network.
3
ON/OFF
Logically compatible with CMOS or open collector TTL. The converter is ON (Enable)
when the voltage applied to this pin with reference to pin 1 is higher than 1.8V. The
converter is OFF (Inhibit) for a control voltage lower than 1.2V. When the pin is
unconnected the converter is ON (Enable).
4
+ SENSE
Senses the remote load high side. To be connected to pin 6 when remote sense is not
used.
5
- SENSE
Senses the remote load return. To be connected to pin 7 when remote sense is not used.
6
+ OUT
Output voltage.
7
- OUT
Output voltage return.
GS25/30T48 FAMILY


Similar Part No. - GS25T48-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T24 STMICROELECTRONICS-GS25T24 Datasheet
51Kb / 5P
   25/30 W DC-DC CONVERTER FAMILY
December 1993
GS25T24-5 STMICROELECTRONICS-GS25T24-5 Datasheet
51Kb / 5P
   25/30 W DC-DC CONVERTER FAMILY
December 1993
More results

Similar Description - GS25T48-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS25T24 STMICROELECTRONICS-GS25T24 Datasheet
51Kb / 5P
   25/30 W DC-DC CONVERTER FAMILY
December 1993
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
   30 W DC-DC Converter
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
   25 W Flyback DC-DC Converter
logo
Bel Fuse Inc.
RFT-30Y BEL-RFT-30Y Datasheet
1Mb / 11P
   30 W Isolated DC-DC Converter
16 December 2022
logo
HY-LINE Power Component...
P25E7205SK HY-LINE-P25E7205SK Datasheet
391Kb / 4P
   25 W DC-DC Converter P25E-Series
Rev: 20180905 f
P30J243R3S HY-LINE-P30J243R3S Datasheet
789Kb / 4P
   30 W DC-DC Converter P30J-Series
Rev: 20170828 f
P30H243R3CS HY-LINE-P30H243R3CS Datasheet
2Mb / 8P
   30 W DC-DC Converter P30HxxxxCx-Series
Rev: 20180615 f
P30D243R3S HY-LINE-P30D243R3S Datasheet
2Mb / 8P
   30 W DC-DC Converter P30D-Series
Rev: 20180207 f
P30H243R3S HY-LINE-P30H243R3S Datasheet
1Mb / 6P
   30 W DC-DC Converter P30H-Series
Rev: 20170621 f
logo
Power Systems GmbH+Co.K...
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com