Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM-4S2012-471JT Datasheet(PDF) 2 Page - Sumida Corporation

Part # SCM-4S2012-471JT
Description  Multilayer Chip Common Mode Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCM-4S2012-471JT Datasheet(HTML) 2 Page - Sumida Corporation

  SCM-4S2012-471JT Datasheet HTML 1Page - Sumida Corporation SCM-4S2012-471JT Datasheet HTML 2Page - Sumida Corporation SCM-4S2012-471JT Datasheet HTML 3Page - Sumida Corporation SCM-4S2012-471JT Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE
Multilayer Chip Common Mode Filter
——
SCM-2012
2/4
*All specifications are subject to change without notice.
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e Im
pe
da
nc
e
Co
mm
on
Mo
de
Im
pe
da
nc
e
C(L/M)-2(M/L)2012-700J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
C(L/M)-2(M/L)2012-900J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
C(L/M)-2(M/L)2012-121J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al
Mo
de
Im
pe
da
nc
e
Co
mm
on
Mo
de
Im
pe
da
nc
e
C(L/M)-2(M/L)2012-181J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e Im
pe
da
nc
e
Co
mm
on
Mo
de
Im
pe
da
nc
e
C(L/M)-2(M/L)2012-221J
Frequency [ Hz ]
Electrical Parameters
SCM series -M type
part No.
Impedance[Ω]
at 100MHz.
Typ.
DC
Resistance
Max.(Ω)
Rated
current
Max.(mA)
Rated
Voltage
Max.(V)
Insulation
Resistance
Min.(MΩ)
SCM-2M2012-700□□
70
0.60
400
10
100
SCM-2M2012-900□□
90
0.70
400
10
100
SCM-2M2012-121□□
120
0.80
400
10
100
SCM-2M2012-181□□
180
1.00
330
10
100
SCM-2M2012-221□□
220
1.00
330
10
100
SCM-4M2012-700□□
70
0.80
400
5
100
SCM-4M2012-900□□
90
0.80
400
5
100
SCM-4M2012-121□□
120
0.90
400
5
100
SCM-4M2012-181□□
180
1.00
330
5
100
SCM-4M2012-201□□
200
1.00
330
5
100
SCM-4M2012-221□□
220
1.00
330
5
100
-Y type
Impedance[Ω]
at 100MHz.
part No.
Typ
Tolerance
DC
Resistance
Max.(Ω)
Rated
current
Max.(mA)
Rated
Voltage
Max.(V)
Insulation
Resistance
Min.(MΩ)
SCM-2Y2012-900□□
90
±
25%
0.70
400
10
100
SCM-2Y2012-121□□
120
±
25%
0.80
400
10
100
SCM-2Y2012-181□□
180
±
25%
1.00
300
10
100
Electrical Characteristic Curves
2012 – 2Line (Single) -M type
SCM-2M2012-700J
SCM-2M2012-900J
SCM-2M2012-121J
SCM-2M2012-181J
SCM-2M2012-221J


Similar Part No. - SCM-4S2012-471JT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCM-4S3216-121 SUMIDA-SCM-4S3216-121 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-4S3216-181 SUMIDA-SCM-4S3216-181 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-4S3216-301 SUMIDA-SCM-4S3216-301 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-4S3216-900 SUMIDA-SCM-4S3216-900 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
More results

Similar Description - SCM-4S2012-471JT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCL-2M2012-700JT SUMIDA-SCL-2M2012-700JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCM-2M3216-700 SUMIDA-SCM-2M3216-700 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
   SMD Multilayer Common Mode Filter
logo
AVX Corporation
LCCM AVX-LCCM Datasheet
298Kb / 6P
   LCCM Series ??Chip Common Mode Filter
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com