Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80EPS12 Datasheet(PDF) 1 Page - International Rectifier

Part # 80EPS12
Description  INPUT RECTIFIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPS12 Datasheet(HTML) 1 Page - International Rectifier

  80EPS12 Datasheet HTML 1Page - International Rectifier 80EPS12 Datasheet HTML 2Page - International Rectifier 80EPS12 Datasheet HTML 3Page - International Rectifier 80EPS12 Datasheet HTML 4Page - International Rectifier 80EPS12 Datasheet HTML 5Page - International Rectifier 80EPS12 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bulletin I2202 rev. A 03/06
V
F
< 1.17V @ 80A
I
FSM = 1450A
V
RRM = 800 -1200V
SAFE
IR Series
80EPS..PbF
INPUT RECTIFIER DIODE
Lead-Free ("PbF" suffix)
I
F(AV)
Sinusoidal
waveform
V
RRM
range
800-1200
V
I
FSM
1450
A
V
F
@80A, T
J
= 25°C
1.17
V
T
J
- 40 to 150
°C
Characteristics
Values
Units
80
A
Major Ratings and Characteristics
Description/ Features
The 80EPS..PbF rectifier SAFEIR series has been opti-
mized for very low forward voltage drop, with moderate
leakage. The glass passivation technology used has
reliable operation up to 150° C junction temperature.
Typical applications are in input rectification and these
products are designed to be used with International
Rectifier Switches and Output Rectifiers which are avail-
able in identical package outlines.
1
www.irf.com
Case Styles
TO-247AC
1
CATHODE
ANODE
3
2
BASE
CATHODE


Similar Part No. - 80EPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPS12 IRF-80EPS12 Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
80EPS12 VISHAY-80EPS12 Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
80EPS12PBF VISHAY-80EPS12PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
More results

Similar Description - 80EPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com