Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844002AG-01LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 844002AG-01LF
Description  FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844002AG-01LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 844002AG-01LF Datasheet HTML 2Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 3Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 4Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 5Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 6Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 7Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 8Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 9Page - Integrated Device Technology 844002AG-01LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICS844002-01
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
6
ICS844002AG-01 REV. A SEPTEMBER 28, 2007
Typical Phase Noise at 156.25MHz
Ehternet Filter
Phase Noise Result by adding a
Ethernet filter to raw data
Raw Phase Noise Data
156.25MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.41ps (typical)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
Offset Frequency (Hz)


Similar Part No. - 844002AG-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844002AG-01LF IDT-844002AG-01LF Datasheet
224Kb / 15P
   FemtoClocks?밅rystal-TO-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844002AG-01LF RENESAS-844002AG-01LF Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844002AG-01LFT IDT-844002AG-01LFT Datasheet
224Kb / 15P
   FemtoClocks?밅rystal-TO-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844002AG-01LFT RENESAS-844002AG-01LFT Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results

Similar Description - 844002AG-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844002I-01 IDT-ICS844002I-01 Datasheet
741Kb / 14P
   FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
ICS8422002I-01 IDT-ICS8422002I-01 Datasheet
718Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
   FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com