Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843242AGLFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS843242AGLFT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS843242AGLFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS843242AGLFT Datasheet HTML 1Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 2Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 3Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 4Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 5Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 6Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 7Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 8Page - Integrated Device Technology ICS843242AGLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IDT/ ICS3.3V LVPECL FREQUENCY SYNTHESIZER
3
ICS843242AG REV. A OCTOBER 2, 2007
ICS843242
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
s
t
u
p
n
I
k
c
a
b
d
e
e
F
r
e
d
i
v
i
D
A
k
n
a
B
r
e
d
i
v
i
D
t
u
p
t
u
O
N
/
M
n
o
i
t
a
c
i
l
p
i
t
l
u
M
r
o
t
c
a
F
A
Q
n
/
A
Q
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C1
A
L
E
S0
A
L
E
SL
E
S
_
B
F
5
2
.
1
30
0
0
0
21
0
25
2
6
5
2
.
1
30
1
0
0
22
0
15
.
2
1
3
5
2
.
1
31
0
0
0
24
5
5
2
.
6
5
1
5
2
.
1
31
1
0
0
25
4
5
2
1
6
6
6
1
4
0
.
6
20
0
1
4
21
4
25
2
6
6
6
6
1
4
0
.
6
20
1
1
4
22
2
15
.
2
1
3
6
6
6
1
4
0
.
6
21
0
1
4
24
6
5
2
.
6
5
1
6
6
6
1
4
0
.
6
21
1
1
4
25
8
.
45
2
1
TABLE 3A. BANK A FREQUENCY TABLE
s
t
u
p
n
I
k
c
a
b
d
e
e
F
r
e
d
i
v
i
D
B
k
n
a
B
r
e
d
i
v
i
D
t
u
p
t
u
O
N
/
M
n
o
i
t
a
c
i
l
p
i
t
l
u
M
r
o
t
c
a
F
B
Q
n
/
B
Q
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C1
A
L
E
S0
A
L
E
SL
E
S
_
B
F
5
2
.
1
30
0
0
0
21
0
25
2
6
5
2
.
1
30
1
0
0
22
0
15
.
2
1
3
5
2
.
1
31
0
0
0
24
5
5
2
.
6
5
1
5
2
.
1
31
1
0
0
25
4
5
2
1
6
6
6
1
4
0
.
6
20
0
1
4
21
4
25
2
6
6
6
6
1
4
0
.
6
20
1
1
4
22
2
15
.
2
1
3
6
6
6
1
4
0
.
6
21
0
1
4
24
6
5
2
.
6
5
1
6
6
6
1
4
0
.
6
21
1
1
4
25
8
.
45
2
1
TABLE 3B. BANK B FREQUENCY TABLE
TABLE 3C. OUTPUT BANK CONFIGURATION SELECT FUNCTION TABLE
TABLE 3D. FEEDBACK DIVIDER CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
I
V
I
D
_
B
Fe
d
i
v
i
D
k
c
a
b
d
e
e
F
0)
t
l
u
a
f
e
d
(
0
2
÷
14
2
÷
s
t
u
p
n
Is
t
u
p
t
u
O
1
A
L
E
S0
A
L
E
SA
Q
00
1
÷
01
)
t
l
u
a
f
e
d
(
2
÷
10
4
÷
11
5
÷
s
t
u
p
n
Is
t
u
p
t
u
O
1
B
L
E
S0
B
L
E
SB
Q
00
1
÷
01
2
÷
10
)
t
l
u
a
f
e
d
(
4
÷
11
5
÷


Similar Part No. - ICS843242AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
logo
Renesas Technology Corp
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BG RENESAS-ICS843241BG Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-100 RENESAS-ICS843241BM-100 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
ICS843241BM-150 RENESAS-ICS843241BM-150 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results

Similar Description - ICS843242AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com