Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8422002AGI-01LFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8422002AGI-01LFT
Description  FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8422002AGI-01LFT Datasheet(HTML) 5 Page - Integrated Device Technology

  8422002AGI-01LFT Datasheet HTML 1Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 2Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 3Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 4Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 5Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 6Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 7Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 8Page - Integrated Device Technology 8422002AGI-01LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ICS8422002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
IDT™ / ICS™ LVHSTL FREQUENCY SYNTHESIZER
5
ICS8422002AGI-01 REV. C NOVEMBER 1, 2007
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDA = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Defined as skew between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Please refer to the Phase Noise Plot.
Table 5B. AC Characteristics, VDD = VDDA = 2.5V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Defined as skew between outputs at the same supply voltages and with equal load conditions. Measured at VDDO/2.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Please refer to the Phase Noise Plot.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
F_SEL[1:0] = 00
140
170
MHz
F_SEL[1:0] = 01
112
136
MHz
F_SEL[1:0] = 10
56
68
MHz
tsk(o)
Output Skew; NOTE 1, 2
TBD
ps
tjit()
RMS Phase Jitter (Random);
NOTE 3
156.25MHz, (1.875MHz – 20MHz)
0.44
ps
125MHz, (1.875MHz – 20MHz)
0.48
ps
62.5MHz, (1.875MHz – 20MHz)
0.49
ps
tR / tF
Output Rise/Fall Time
20% to 80%
410
ps
odc
Output Duty Cycle
50
%
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
F_SEL[1:0] = 00
140
170
MHz
F_SEL[1:0] = 01
112
136
MHz
F_SEL[1:0] = 10
56
68
MHz
tsk(o)
Output Skew; NOTE 1, 2
TBD
ps
tjit()
RMS Phase Jitter (Random);
NOTE 3
156.25MHz, (1.875MHz – 20MHz)
0.41
ps
125MHz, (1.875MHz – 20MHz)
0.49
ps
62.5MHz, (1.875MHz – 20MHz)
0.50
ps
tR / tF
Output Rise/Fall Time
20% to 80%
380
ps
odc
Output Duty Cycle
50
%


Similar Part No. - 8422002AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8422002AGI-07LF IDT-8422002AGI-07LF Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
8422002AGI-07LFT IDT-8422002AGI-07LFT Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
More results

Similar Description - 8422002AGI-01LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844002I-01 IDT-ICS844002I-01 Datasheet
741Kb / 14P
   FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
ICS844002-01 IDT-ICS844002-01 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com