Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8422002AGI-01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8422002AGI-01
Description  FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8422002AGI-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  8422002AGI-01 Datasheet HTML 1Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 2Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 3Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 4Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 5Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 6Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 7Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 8Page - Integrated Device Technology 8422002AGI-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS8422002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
IDT™ / ICS™ LVHSTL FREQUENCY SYNTHESIZER
4
ICS8422002AGI-01 REV. C NOVEMBER 1, 2007
Table 3C. LVCMOS/LVTTL DC Characteristics, TA = -40°C to 85°C
Table 3D. LVHSTL DC Characteristics, VDD = VDDA = 3.3V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
Ω to ground.
NOTE 2: Defined with respect to output voltage swing at a given condition.
Table 3E. LVHSTL DC Characteristics, VDD = VDDA = 2.5V ± 5%, VDDO = 1.8V ±0.2V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
Ω to ground.
NOTE 2: Defined with respect to output voltage swing at a given condition.
Table 4. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input
High Current
REF_CLK, MR, F_SEL[0:1],
nPLL_SEL, nXTAL_SEL
VDD = VIN = 3.465V
or 2.625V
150
µA
IIL
Input
Low Current
REF_CLK, MR, F_SEL[0:1],
nPLL_SEL, nXTAL_SEL
VDD = 3.465V or 2.625V,
VIN = 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
1.0
1.2
V
VOL
Output Low Current; NOTE 1
0
0.4
V
VOX
Output Crossover Voltage; NOTE 2
40
60
%
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.1
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
1.0
1.2
V
VOL
Output Low Current; NOTE 1
0.235
V
VOX
Output Crossover Voltage; NOTE 2
40
60
%
VSWING
Peak-to-Peak Output Voltage Swing
0.9
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
22.4
25
27.2
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Drive Level
1mW


Similar Part No. - 8422002AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8422002AGI-07LF IDT-8422002AGI-07LF Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
8422002AGI-07LFT IDT-8422002AGI-07LFT Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
More results

Similar Description - 8422002AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844002I-01 IDT-ICS844002I-01 Datasheet
741Kb / 14P
   FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
ICS844002-01 IDT-ICS844002-01 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com