Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8422002I-01 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS8422002I-01
Description  FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8422002I-01 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS8422002I-01 Datasheet HTML 5Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 6Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 7Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 8Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 9Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 10Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 11Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 12Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ICS8422002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
IDT™ / ICS™ LVHSTL FREQUENCY SYNTHESIZER
9
ICS8422002AGI-01 REV. C NOVEMBER 1, 2007
Crystal Input Interface
The ICS8422002I-01 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2 below
were determined using a 25MHz 18pF parallel resonant crystal
and were chosen to minimize the ppm error.
Figure 2. Crystal Input Interface
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS inputs, it is
recommended that the amplitude be reduced from full swing to half
swing in order to prevent signal interference with the power rail and
to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination
at the crystal input will attenuate the signal in half. This can be
done in one of two ways. First, R1 and R2 in parallel should equal
the transmission line impedance. For most 50
Ω applications, R1
and R2 can be 100
Ω. This can also be accomplished by removing
R1 and making R2 50
Ω.
Figure 3. General Diagram for LVCMOS Driver to XTAL Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
22p
C2
22p
XTAL_IN
XTAL_OUT
Ro
Rs
Zo = Ro + Rs
50
0.1µf
R1
R2
VDD
VDD


Similar Part No. - ICS8422002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8422002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844002I-01 IDT-ICS844002I-01 Datasheet
741Kb / 14P
   FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
ICS844002-01 IDT-ICS844002-01 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com