Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD34063D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CKD34063D
Description  DC TO DC CONVERTER CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CKD34063D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CKD34063D Datasheet HTML 1Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 2Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 3Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 4Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 5Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 6Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 7Page - List of Unclassifed Manufacturers CKD34063D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CKD34063
CKDTechnology
Figure 1. Voltage Inverting Converter
Test
Condition
Results
Line Regulation
V
in = 4.5 V to 6.0 V, Io = 100 mA
3.0 mV = ± 0.012%
Load Regulation
V
in = 5.0 V, Io = 10 mA to 100 mA
0.022 V = ± 0.09%
Output Ripple
V
in = 5.0 V, Io = 100 mA
500 mVpp
Short Circuit Current
V
in = 5.0 V, RL = 0.1 Ω
910 mA
Efficiency
V
in = 5.0 V, Io = 100 mA
62.2%
Output Ripple With Optional Filter
V
in = 5.0 V, Io = 100 mA
70 mVpp
Figure 2. External Current Boost Connections for Ic Peak Greater than 1.5 A
2a. External NPN Switch
2b. External PNP Saturated Switch


Similar Part No. - CKD34063D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD310JB TDK-CKD310JB Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD310JB0J100S(030A) TDK-CKD310JB0J100S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD310JB0J100S(030B) TDK-CKD310JB0J100S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD310JB0J100S(030C) TDK-CKD310JB0J100S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD310JB0J100S(030D) TDK-CKD310JB0J100S(030D) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD34063D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com