Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB1045 Datasheet(PDF) 7 Page - International Rectifier

Part # MBRB1045
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1045 Datasheet(HTML) 7 Page - International Rectifier

  MBRB1045 Datasheet HTML 1Page - International Rectifier MBRB1045 Datasheet HTML 2Page - International Rectifier MBRB1045 Datasheet HTML 3Page - International Rectifier MBRB1045 Datasheet HTML 4Page - International Rectifier MBRB1045 Datasheet HTML 5Page - International Rectifier MBRB1045 Datasheet HTML 6Page - International Rectifier MBRB1045 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MBRB10..PbF Series
Bulletin PD-21042 rev. A 06/06
7
www.irf.com
MBR1045
********************************************
*
This model has been developed by
*
*
Wizard SPICE MODEL GENERATOR (1999)
*
*
(International Rectifier Corporation)
*
*
Contains Proprietary Information
*
********************************************
* SPICE Model Diode is composed by a
*
* simple diode plus paralled VCG2T
*
********************************************
.SUBCKT MBR1045 ANO CAT
D1 ANO 1 DMOD (0.04688)
*Define diode model
.MODEL DMOD D(IS=2.14849701885607E-04A,N=1.50833541375759,BV=52V,
+ IBV=0.431942180477539A,RS= 0.000618816,CJO=1.90645706123736E-08,
+ VJ=2.31227489200037,XTI=2, EG=0.684712841282824)
********************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=-29.9118224426661)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-6.195028E-06/-29.91182)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*4.475503E-02*ABS(V(ANO,CAT)))-1)}
********************************************
.ENDS MBR1045
Thermal Model Subcircuit
.SUBCKT MBR1045 5 1
CTHERM1
5
4
1.40E+00
CTHERM2
4
3
1.46E+01
CTHERM3
3
2
9.30E+01
CTHERM4
2
1
1.69E+03
RTHERM1
5
4
5.79E-01
RTHERM2
4
3
7.72E-01
RTHERM1
3
2
4.45E-01
RTHERM1
2
1
1.93E-01
.ENDS MBR1045
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 06/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.


Similar Part No. - MBRB1045

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1045 GE-MBRB1045 Datasheet
71Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1045 GOOD-ARK-MBRB1045 Datasheet
255Kb / 3P
   Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB1045 VISHAY-MBRB1045 Datasheet
106Kb / 6P
   Schottky Rectifier, 10 A
Revision: 22-Aug-08
logo
ON Semiconductor
MBRB1045 ONSEMI-MBRB1045 Datasheet
83Kb / 6P
   SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB1045 ONSEMI-MBRB1045 Datasheet
112Kb / 6P
   SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
More results

Similar Description - MBRB1045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com