Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38-01-B4C-AKNB Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 38-01-B4C-AKNB
Description  3mm POWER LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

38-01-B4C-AKNB Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  38-01-B4C-AKNB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 38-01-B4C-AKNB Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Technical Data Sheet
3mm POWER LED
38-01/B4C-AKNB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 5 of 7
Device number: DLE-308-018
Established date: 04-30-2007
Established by: Jim Lin
Packing Quantity Specification
(1) 60 pcs/1 tube, 30 tubes/1 small inside box, 12 small inside boxes/1 outside box
(2) 60 pcs/1 tube, 105 tubes/1 big inside box, 4 big inside boxes/1 outside box
Label Form Specification
(1)Tube Label Form
(2)Box Label Form
PART NO: Everlgiht’s Production Number
QTY: Packing Quantity
LOT NO: Lot Number
CAT: Ranks of Forward Voltage, Dominant Wavelength and Total Flux
CPN: Customer’s Production Number
P/N : Production Number
HUE: Reference
REF: Reference
MADE IN TAIWAN: Production Place
CPN:
P/N:
EVERLIGHT
38-01/B4C-AKNB
QTY:
MADE
IN
TAIWAN
CAT:
HUE:
REF:
LOT NO:
RoHS
PART NO: 38-01/B4C-AKNB
QTY: 60
LOT NO:
CAT:


Similar Part No. - 38-01-B4C-AKNB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
38-01-A3C-ARTC EVERLIGHT-38-01-A3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
38-01-A74-YSC-A2T1U1DH-AM EVERLIGHT-38-01-A74-YSC-A2T1U1DH-AM Datasheet
393Kb / 12P
   3mm Power LED
38-01-A84-RAC-D4T1U1DH EVERLIGHT-38-01-A84-RAC-D4T1U1DH Datasheet
515Kb / 16P
   3mm Advanced Super Flux LEDs
38-01-A84-RAC-D4T1U1DH-AM EVERLIGHT-38-01-A84-RAC-D4T1U1DH-AM Datasheet
610Kb / 12P
   3? Piranha
38-01-A84-S3NC-C1S2T2CH EVERLIGHT-38-01-A84-S3NC-C1S2T2CH Datasheet
392Kb / 16P
   3mm Advanced Super Flux LEDs
More results

Similar Description - 38-01-B4C-AKNB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com