Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PSW-USD-C10 Datasheet(PDF) 7 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PSW-USD-C10
Description  InGaN BIKINI High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PSW-USD-C10 Datasheet(HTML) 7 Page - BRIGHT LED ELECTRONICS CORP

  BL-PSW-USD-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PSW-USD-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
InGaN BIKINI BL-PSx-xSx Series
V.3 Page: 7 of 8
Fig. 6 Recommended IR-reflow Soldering Profile (acc. To IPC 9501).
Classification Reflow Profile (JEDEC J-STD-020B)
25
50
75
100
125
150
175
200
225
250
275
0
50
100
150
200
Time (sec)
Preheat
60-120s
183
oC
60-150s
Ramp-up
3
oC/sec
max.
Ramp-down
6
oC/sec max.
235-240
oC
10-30s
360s max
Fig. 7 Recommended TTW Soldering Profile (acc. to CECC 00802).


Similar Part No. - BL-PSW-USD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSW-USD-C20 BRIGHT-BL-PSW-USD-C20 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
More results

Similar Description - BL-PSW-USD-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSW-SSD-C10 BRIGHT-BL-PSW-SSD-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PST-SSS-C20 BRIGHT-BL-PST-SSS-C20 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PSB-USS-C10 BRIGHT-BL-PSB-USS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PST-USS-C20 BRIGHT-BL-PST-USS-C20 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PSW-USD-C20 BRIGHT-BL-PSW-USD-C20 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PSB-SSS-C10 BRIGHT-BL-PSB-SSS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PST-SSS-C10 BRIGHT-BL-PST-SSS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-UJS-C10 BRIGHT-BL-PDT-UJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-CJS-C10 BRIGHT-BL-PDT-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com