Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS91305YGILF-T Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # ICS91305YGILF-T
Description  High Performance Communication Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS91305YGILF-T Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

  ICS91305YGILF-T Datasheet HTML 1Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 2Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS91305YGILF-T Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS91305I
0691F—06/03/05
Ordering Information
ICS91305yMILF-T
MIN
MAX
MIN
MAX
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
E
3.80
4.0
.1497
.1574
e
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
N
α
VARIATIONS
MIN
MAX
MIN
MAX
84.80
5.00
.1890
.1968
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
In Millimeters
COMMON DIMENSIONS
In Inches
COMMON DIMENSIONS
SEE VARIATIONS
1.27 BASIC
0.050 BASIC
N
D mm.
D (inch)
SEE VARIATIONS
Example:
Designation for tape and reel packaging
RoHS Compliant (Optional)
Package Type
M = SOIC
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y M LF- T
150 mil (Narrow Body) SOIC
SEATING
PLANE
A1
B
A
e
.10 (.004)
hx 45°
α
L
C
INDE X
ARE A
12
N
D
E
H


Similar Part No. - ICS91305YGILF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91305YGLFT ICST-ICS91305YGLFT Datasheet
86Kb / 8P
   High Performance Communication Buffer
More results

Similar Description - ICS91305YGILF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
   High performance Communication Buffer
ICS91305 ICST-ICS91305 Datasheet
86Kb / 8P
   High Performance Communication Buffer
logo
Renesas Technology Corp
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
   High Performance Communication Buffer
2019
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
   High Performance Communication Buffer
2019
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
   HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
   HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
logo
Mitel Networks Corporat...
1A353 MITEL-1A353 Datasheet
195Kb / 10P
   High-Performance Duplex(Half-Duplex Communication)
1A212 MITEL-1A212 Datasheet
198Kb / 10P
   High-Performance DUPLEX(Half-Duplex Communication)
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
   High Performance LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com