Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PSS-SSS-C10 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PSS-SSS-C10
Description  High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PSS-SSS-C10 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PSS-SSS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PSS-SSS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Part Ordering Number
Chip Technology /
Color
λdom
( nm )
Luminous Intensity @ If = 20mA
Iv ( mcd )
AlInGaP /
Orange, 605 nm
120
71.5 … 180.0
71.5 … 90.0
90.0 … 112.5
112.5 … 140.0
140.0 … 180.0
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
AlInGaP /
Yellow, 587 nm
120
71.5 … 180.0
71.5 … 90.0
90.0 … 112.5
112.5 … 140.0
140.0 … 180.0
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
AlInGaP /
Green, 572 nm
120
45.0 … 90.0
45.0 … 56.0
56.0 … 71.5
71.5 … 90.0
90.0 … 112.5
NOTE:
1. All part number above comes in a standard quantity of 2500 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of
±11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.
5. Vf binning is optional. Vf binning scheme is as per the following table. Please contact marketing
for special part number.
BL-PSO-CSS-C10
-
BIN Q1
-
BIN Q2
-
BIN R1
-
BIN R2
BL-PSO-SSS-C10
-
BIN R1
-
BIN R2
-
BIN S1
-
BIN S2
BL-PSY-CSS-C10
-
BIN Q1
-
BIN Q2
-
BIN R1
-
BIN R2
BL-PSY-SSS-C10
-
BIN R1
-
BIN R2
-
BIN S1
-
BIN S2
BL-PSG-SSS-C10
-
BIN P1
-
BIN P2
-
BIN Q1
-
BIN Q2


Similar Part No. - BL-PSS-SSS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSA-CSS-C10 BRIGHT-BL-PSA-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSA-SSS-C10 BRIGHT-BL-PSA-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSB-SSS-C10 BRIGHT-BL-PSB-SSS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PSB-USS-C10 BRIGHT-BL-PSB-USS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PSG-SSS-C10 BRIGHT-BL-PSG-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
More results

Similar Description - BL-PSS-SSS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com