Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80138CNPF-JKXTFG Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-80138CNPF-JKXTFG
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80138CNPF-JKXTFG Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-80138CNPF-JKXTFG Datasheet HTML 5Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 6Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 7Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 8Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 9Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 10Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 11Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 12Page - Seiko Instruments Inc S-80138CNPF-JKXTFG Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.3.3_00
S-801 Series
Seiko Instruments Inc.
9
Table 2 (3/3)
Detection voltage range
Delay time
Nch open-drain output products
CMOS output products
5.4 V
±2.0%
50 ms typ.
S-80154ANPF-JDFTFG
S-80154ALPF-JBFTFG
100 ms typ.
S-80154BNPF-JHFTFG
S-80154BLPF-JFFTFG
200 ms typ.
S-80154CNPF-JLFTFG
S-80154CLPF-JJFTFG
5.5 V
±2.0%
50 ms typ.
S-80155ANPF-JDGTFG
S-80155ALPF-JBGTFG
100 ms typ.
S-80155BNPF-JHGTFG
S-80155BLPF-JFGTFG
200 ms typ.
S-80155CNPF-JLGTFG
S-80155CLPF-JJGTFG
5.6 V
±2.0%
50 ms typ.
S-80156ANPF-JDHTFG
S-80156ALPF-JBHTFG
100 ms typ.
S-80156BNPF-JHHTFG
S-80156BLPF-JFHTFG
200 ms typ.
S-80156CNPF-JLHTFG
S-80156CLPF-JJHTFG
5.7 V
±2.0%
50 ms typ.
S-80157ANPF-JDITFG
S-80157ALPF-JBITFG
100 ms typ.
S-80157BNPF-JHITFG
S-80157BLPF-JFITFG
200 ms typ.
S-80157CNPF-JLITFG
S-80157CLPF-JJITFG
5.8 V
±2.0%
50 ms typ.
S-80158ANPF-JDJTFG
S-80158ALPF-JBJTFG
100 ms typ.
S-80158BNPF-JHJTFG
S-80158BLPF-JFJTFG
200 ms typ.
S-80158CNPF-JLJTFG
S-80158CLPF-JJJTFG
5.9 V
±2.0%
50 ms typ.
S-80159ANPF-JDKTFG
S-80159ALPF-JBKTFG
100 ms typ.
S-80159BNPF-JHKTFG
S-80159BLPF-JFKTFG
200 ms typ.
S-80159CNPF-JLKTFG
S-80159CLPF-JJKTFG
6.0 V
±2.0%
50 ms typ.
S-80160ANPF-JDLTFG
S-80160ALPF-JBLTFG
100 ms typ.
S-80160BNPF-JHLTFG
S-80160BLPF-JFLTFG
200 ms typ.
S-80160CNPF-JLLTFG
S-80160CLPF-JJLTFG


Similar Part No. - S-80138CNPF-JKXTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80138CNPF-JKXTFU ABLIC-S-80138CNPF-JKXTFU Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
More results

Similar Description - S-80138CNPF-JKXTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S-809XXC SII-S-809XXC Datasheet
539Kb / 36P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com