Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83904-02 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS83904-02
Description  LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83904-02 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS83904-02 Datasheet HTML 1Page - Integrated Device Technology ICS83904-02 Datasheet HTML 2Page - Integrated Device Technology ICS83904-02 Datasheet HTML 3Page - Integrated Device Technology ICS83904-02 Datasheet HTML 4Page - Integrated Device Technology ICS83904-02 Datasheet HTML 5Page - Integrated Device Technology ICS83904-02 Datasheet HTML 6Page - Integrated Device Technology ICS83904-02 Datasheet HTML 7Page - Integrated Device Technology ICS83904-02 Datasheet HTML 8Page - Integrated Device Technology ICS83904-02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IDT/ ICSLVCMOS/LVTTL FANOUT BUFFER
5
ICS83904AG-02 REV. A SEPTEMBER 12, 2007
ICS83904-02
LOW SKEW, 1-TO-4, CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 6B. AC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 2.5V ± 5%, T
A
= 0°C TO 70°C
TABLE 6A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V ± 5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
L
A
T
X
l
a
n
r
e
t
x
e
/
w2
18
8
.
8
3z
H
M
K
L
C
l
a
n
r
e
t
x
e
/
w
0
0
2z
H
M
p
t
H
L
;
h
g
i
H
-
o
t
-
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
4
.
19
.
14
.
2s
n
t
)
o
(
k
s2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
4s
p
t
)
p
p
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
0
7s
p
t
)
Ø
(
t
ij
;
m
o
d
n
a
R
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
4
,
2
E
T
O
N
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
5
2
z
H
M
1
z
H
0
0
1
6
1
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
10
0
8s
p
c
d
o
t
u
p
t
u
O
e
l
c
y
C
y
t
u
D
L
A
T
X
l
a
n
r
e
t
x
e
/
w5
45
5%
K
L
C
l
a
n
r
e
t
x
e
/
wz
H
M
0
5
1
<
ƒ6
44
5%
t
N
E
5
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
1s
n
t
S
I
D
5
E
T
O
N
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
0
1s
n
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
O
D
D
.
2
/
.
d
e
s
u
e
c
r
u
o
s
t
u
p
n
i
e
h
t
n
o
t
n
e
d
n
e
p
e
d
s
i
r
e
t
t
ij
e
s
a
h
P
:
4
E
T
O
N
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
5
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
L
A
T
X
l
a
n
r
e
t
x
e
/
w2
18
8
.
8
3z
H
M
K
L
C
l
a
n
r
e
t
x
e
/
w
0
0
2z
H
M
p
t
H
L
;
h
g
i
H
-
o
t
-
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
1
E
T
O
N
5
.
10
.
25
.
2s
n
t
)
o
(
k
s2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
4s
p
t
)
p
p
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
0
7s
p
t
)
Ø
(
t
ij
;
m
o
d
n
a
R
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
4
,
2
E
T
O
N
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
5
2
z
H
M
1
-
z
H
0
0
1
6
1
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
10
0
8s
p
c
d
o
t
u
p
t
u
O
e
l
c
y
C
y
t
u
D
L
A
T
X
l
a
n
r
e
t
x
e
/
w5
45
5%
K
L
C
l
a
n
r
e
t
x
e
/
wz
H
M
0
5
1
<
ƒ6
44
5%
t
N
E
5
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
1s
n
t
S
I
D
5
E
T
O
N
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
0
1s
n
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
O
D
D
.
2
/
.
d
e
s
u
e
c
r
u
o
s
t
u
p
n
i
e
h
t
n
o
t
n
e
d
n
e
p
e
d
s
i
r
e
t
t
ij
e
s
a
h
P
:
4
E
T
O
N
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
5
E
T
O
N


Similar Part No. - ICS83904-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83904-02 ICST-ICS83904-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83904-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905 ICST-ICS83905 Datasheet
362Kb / 14P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83904-02 ICST-ICS83904-02 Datasheet
207Kb / 15P
   LOW SKEW, 1-TO-4 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83904-02 IDT-83904-02 Datasheet
175Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83904-02 RENESAS-83904-02 Datasheet
372Kb / 17P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/ LVTTL Fanout Buffer
Revision A March 17, 2016
83904I-02 RENESAS-83904I-02 Datasheet
408Kb / 16P
   Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
April 8, 2016
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com