Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1701N3015-M5T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1701N3015-M5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701N3015-M5T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1701N3015-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1701N3015-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1701 Series
Rev.2.4_00
Seiko Instruments Inc.
10
3. 5 S-1701 Series E type
ON/OFF pin : Provided
ON/OFF logic
: Active high
SENSE pin
: VOUT connection
Release delay time : 50 ms
Table 6
Output Voltage
Detection Voltage
SOT-23-5
SOT-89-5
1.8 V
± 1.0%
1.5 V
± 1.0%
S-1701E1815-M5T1G
S-1701E1815-U5T1G
2.5 V
± 1.0%
2.0 V
± 1.0%
S-1701E2520-M5T1G
S-1701E2520-U5T1G
2.5 V
± 1.0%
2.1 V
± 1.0%
S-1701E2521-M5T1G
S-1701E2521-U5T1G
2.5 V
± 1.0%
2.2 V
± 1.0%
S-1701E2522-M5T1G
S-1701E2522-U5T1G
2.7 V
± 1.0%
2.2 V
± 1.0%
S-1701E2722-M5T1G
3.0 V
± 1.0%
2.4 V
± 1.0%
S-1701E3024-M5T1G
S-1701E3024-U5T1G
3.0 V
± 1.0%
2.5 V
± 1.0%
S-1701E3025-M5T1G
S-1701E3025-U5T1G
3.0 V
± 1.0%
2.6 V
± 1.0%
S-1701E3026-M5T1G
S-1701E3026-U5T1G
3.3 V
± 1.0%
2.6 V
± 1.0%
S-1701E3326-M5T1G
S-1701E3326-U5T1G
3.3 V
± 1.0%
2.7 V
± 1.0%
S-1701E3327-M5T1G
S-1701E3327-U5T1G
3.3 V
± 1.0%
2.8 V
± 1.0%
S-1701E3328-M5T1G
S-1701E3328-U5T1G
3.3 V
± 1.0%
3.0 V
± 1.0%
S-1701E3330-M5T1G
3.4 V
± 1.0%
3.0 V
± 1.0%
S-1701E3430-M5T1G
S-1701E3430-U5T1G
5.0 V
± 1.0%
4.0 V
± 1.0%
S-1701E5040-M5T1G
S-1701E5040-U5T1G
5.0 V
± 1.0%
4.1 V
± 1.0%
S-1701E5041-M5T1G
S-1701E5041-U5T1G
5.0 V
± 1.0%
4.2 V
± 1.0%
S-1701E5042-M5T1G
S-1701E5042-U5T1G
5.0 V
± 1.0%
4.3 V
± 1.0%
S-1701E5043-M5T1G
S-1701E5043-U5T1G
Remark
Please contact the SII marketing department for products with an output voltage or detection voltage other than those specified above.
3. 6 S-1701 Series F type
ON/OFF pin : Provided
ON/OFF logic
: Active high
SENSE pin
: VOUT connection
Release delay time : 100 ms
Table 7
Output Voltage
Detection Voltage
SOT-23-5
SOT-89-5
1.8 V
± 1.0%
1.5 V
± 1.0%
S-1701F1815-M5T1G
S-1701F1815-U5T1G
2.5 V
± 1.0%
2.0 V
± 1.0%
S-1701F2520-M5T1G
S-1701F2520-U5T1G
2.5 V
± 1.0%
2.1 V
± 1.0%
S-1701F2521-M5T1G
S-1701F2521-U5T1G
2.5 V
± 1.0%
2.2 V
± 1.0%
S-1701F2522-M5T1G
S-1701F2522-U5T1G
2.7 V
± 1.0%
2.2 V
± 1.0%
S-1701F2722-M5T1G
3.0 V
± 1.0%
2.4 V
± 1.0%
S-1701F3024-M5T1G
S-1701F3024-U5T1G
3.0 V
± 1.0%
2.5 V
± 1.0%
S-1701F3025-M5T1G
S-1701F3025-U5T1G
3.0 V
± 1.0%
2.6 V
± 1.0%
S-1701F3026-M5T1G
S-1701F3026-U5T1G
3.3 V
± 1.0%
2.6 V
± 1.0%
S-1701F3326-M5T1G
S-1701F3326-U5T1G
3.3 V
± 1.0%
2.7 V
± 1.0%
S-1701F3327-M5T1G
S-1701F3327-U5T1G
3.3 V
± 1.0%
2.8 V
± 1.0%
S-1701F3328-M5T1G
S-1701F3328-U5T1G
3.4 V
± 1.0%
3.0 V
± 1.0%
S-1701F3430-M5T1G
S-1701F3430-U5T1G
5.0 V
± 1.0%
4.0 V
± 1.0%
S-1701F5040-M5T1G
S-1701F5040-U5T1G
5.0 V
± 1.0%
4.1 V
± 1.0%
S-1701F5041-M5T1G
S-1701F5041-U5T1G
5.0 V
± 1.0%
4.2 V
± 1.0%
S-1701F5042-M5T1G
S-1701F5042-U5T1G
5.0 V
± 1.0%
4.3 V
± 1.0%
S-1701F5043-M5T1G
S-1701F5043-U5T1G
Remark
Please contact the SII marketing department for products with an output voltage or detection voltage other than those specified above.


Similar Part No. - S-1701N3015-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701N3015-M5T1X ABLIC-S-1701N3015-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1701N3015-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com