Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG1201HFLF-T Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9FG1201HFLF-T
Description  Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG1201HFLF-T Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9FG1201HFLF-T Datasheet HTML 2Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 3Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 4Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 5Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 6Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 7Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 8Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 9Page - Integrated Device Technology ICS9FG1201HFLF-T Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
ICS9FG1201H 10/22/07
ICS9FG1201H
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
6
9FG1201 SMBus A ddress M apping
when using CK410/CK 410B and DB400/800
SMB Adr: DC
9DB104/108
(DB400/800)
OR
OR
SMB_A(2:0) = 100
SMB Adr: D8
9FG1201
(DB1200G)
SMB_A(2:0) = 101
SMB Adr: DA
9FG1201
(DB1200G)
SMB_A(2:0) = 110
SMB Adr: DC
9FG1201
(DB1200G)
SMB_A(2:0) = 111
SMB Adr: DE
9FG1201
(DB1200G)
SMB_A(2:0) = 000
SMB Adr: D0
9FG1201
(DB1200G)
SMB_A(2:0) = 001
SMB Adr: D2
9FG1201
(DB1200G)
SMB_A(2:0) = 010
SMB Adr: D4
9FG1201
(DB1200G)
SMB_A(2:0) = 011
SMB Adr: D6
9FG1201
(DB1200G)
SMB Adr: D2
954101
932S401
(CK410/410B)


Similar Part No. - ICS9FG1201HFLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
logo
Integrated Device Techn...
ICS9FG1201H IDT-ICS9FG1201H_11 Datasheet
243Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
More results

Similar Description - ICS9FG1201HFLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9FG1901 RENESAS-ICS9FG1901 Datasheet
424Kb / 18P
   Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
2019
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
logo
Integrated Device Techn...
ICS9FG1201H IDT-ICS9FG1201H_11 Datasheet
243Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
logo
Renesas Technology Corp
ICS9FG1200D-1 RENESAS-ICS9FG1200D-1 Datasheet
350Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2 & FBD
2019
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com