Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-L2980A57MC-TF-G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-L2980A57MC-TF-G
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-L2980A57MC-TF-G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-L2980A57MC-TF-G Datasheet HTML 1Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 2Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 3Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 4Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 5Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 6Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 7Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 8Page - Seiko Instruments Inc S-L2980A57MC-TF-G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev.4.1_00
HIGH RIPPLE-REJECTION AND LOW DROPOUT
CMOS VOLTAGE REGULATOR
S-L2980 Series
Seiko Instruments Inc.
1
The S-L2980 series is a positive voltage regulator with
a low dropout voltage, high output voltage accuracy,
and low current consumption developed based on
CMOS technology.
A built-in low on-resistance transistor provides a low
dropout voltage and a large output current. A shutdown
circuit ensures long battery life.
Various types of output capacitors can be used in the
S-L2980 series compared with the conventional CMOS
voltage regulators. A small ceramic capacitor can also
be used.
Features
• Output voltage:
1.5 V to 6.0 V, selectable in 0.1 V steps
• High accuracy output voltage: ±2.0 % accuracy
• Low dropout voltage:
120 mV typ. (at 3.0 V output product, IOUT=50 mA)
• Low current consumption:
During operation: 90
μA typ., 140 μA max.
During shutdown: 0.1
μA typ., 1.0 μA max.
• High peak current capability:
150 mA output is possible. (at VIN≥VOUT(S)+1.0 V)
*1
• Built-in shutdown circuit:
Ensure long battery life.
• Low ESR capacitor:
A 1.0
μF capacitor can be used as the output capacitor.
(A 2.2
μF capacitor can be used as the output capacitor for the products
whose output voltage is 1.7 V or less.)
• High ripple rejection:
70 dB typ. (at 1.0 kHz)
• Small package:
SOT-23-5
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the load is large.
Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones
Package
Package Name
Drawing Code
Package
Tape
Reel
SOT-23-5
MP005-A
MP005-A
MP005-A


Similar Part No. - S-L2980A57MC-TF-G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-L2980A57MC-TF-X ABLIC-S-L2980A57MC-TF-X Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results

Similar Description - S-L2980A57MC-TF-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com