Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-05ALFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS557G-05ALFT
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-05ALFT Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS557G-05ALFT Datasheet HTML 1Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 2Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 3Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 4Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 5Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 6Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 7Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 8Page - Integrated Device Technology ICS557G-05ALFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
3
ICS557-05A
REV H 092407
Pin Descriptions
Pin
Pin
Name
Pin
Type
Pin Description
1
VDDXD
Power
Connect to +3.3 V digital supply.
2
S0
Input
Spread spectrum select pin #0. See table above. Internal pull-up resistor.
3
S1
Input
Spread spectrum select pin #1. See table above Internal pull-up resistor.
4
S2
Input
Spread spectrum select pin #2. See table above. Internal pull-up resistor.
5
X1
Input
Crystal connection. Connect to a fundamental mode crystal or clock input.
6
X2
Output
Crystal connection. Connect to a fundamental mode crystal or leave open.
7
PD
Input
Powers down all PLL’s and tri-states outputs when low. Internal pull-up resistor.
8
OE
Input
Provides output on, tri-states output (High = enable outputs; Low = disable outputs).
Internal pull-up resistor.
9
GND
Power
Connect to digital ground.
10
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference.
11
CLKD
Output
Selectable 100/200 MHz spread spectrum differential Compliment output clock D.
12
CLKD
Output
Selectable 100/200 MHz spread spectrum differential True output clock D.
13
CLKC
Output
Selectable 100/200 MHz spread spectrum differential Compliment output clock C.
14
CLKC
Output
Selectable 100/200 MHz spread spectrum differential True output clock C.
15
VDDODA
Power
Connect to +3.3 V analog supply.
16
GND
Power
Connect to analog ground.
17
CLKB
Output
Selectable 100/200 MHz spread spectrum differential Compliment output clock B.
18
CLKB
Output
Selectable 100/200 MHz spread spectrum differential True output clock B.
19
CLKA
Output
Selectable 100/200 MHz spread spectrum differential Compliment output clock A.
20
CLKA
Output
Selectable 100/200 MHz spread spectrum differential True output clock A.


Similar Part No. - ICS557G-05ALFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-05ALFTR ICST-ICS557G-05ALFTR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557G-05ALFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com