Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-05AT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS557G-05AT
Description  QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-05AT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS557G-05AT Datasheet HTML 4Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 5Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 6Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 7Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 8Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 9Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 10Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 11Page - Integrated Device Technology ICS557G-05AT Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
PCIE SSCG
IDT™ / ICS™ QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
8
ICS557-05A
REV H 092407
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS557-05A. These ratings are stress
ratings only. Functional operation of the device at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
1. Single edge is monotonic when transitioning through region.
2. Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDD, VDDA
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
° C
Ambient Operating Temperature (industrial)
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbo
l
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.465
Input High Voltage1
VIH
2.0
VDD +0.3
V
Input Low Voltage1
VIL
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
µA
Operating Supply Current
IDD
50
Ω, 2 pF load @100 MHz
105
mA
IDDOE
OE =Low
40
mA
IDDPD
No load, PD =Low
500
µA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
Pin Inductance
LPIN
5nH
Output Resistance
Rout
CLK outputs
3.0
k
Pull-up Resistance
RPUP
OE, SEL, PD pins
110
k


Similar Part No. - ICS557G-05AT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-05ATR ICST-ICS557G-05ATR Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
More results

Similar Description - ICS557G-05AT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com