Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-T111B40MC-OGZTFG Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-T111B40MC-OGZTFG
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-T111B40MC-OGZTFG Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-T111B40MC-OGZTFG Datasheet HTML 1Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 2Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 3Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 4Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 5Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 6Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 7Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 8Page - Seiko Instruments Inc S-T111B40MC-OGZTFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-T111 Series
Rev.2.1_00
Seiko Instruments Inc.
4
2. Product name list
Table 1
Output Voltage
Product Name
1.5V±1.0%
S-T111B15MC-OGATFG
1.6V±1.0%
S-T111B16MC-OGBTFG
1.7V±1.0%
S-T111B17MC-OGCTFG
1.8V±1.0%
S-T111B18MC-OGDTFG
1.9V±1.0%
S-T111B19MC-OGETFG
2.0V±1.0%
S-T111B20MC-OGFTFG
2.1V±1.0%
S-T111B21MC-OGGTFG
2.2V±1.0%
S-T111B22MC-OGHTFG
2.3V±1.0%
S-T111B23MC-OGITFG
2.4V±1.0%
S-T111B24MC-OGJTFG
2.5V±1.0%
S-T111B25MC-OGKTFG
2.6V±1.0%
S-T111B26MC-OGLTFG
2.7V±1.0%
S-T111B27MC-OGMTFG
2.8V±1.0%
S-T111B28MC-OGNTFG
2.9V±1.0%
S-T111B29MC-OGOTFG
3.0V±1.0%
S-T111B30MC-OGPTFG
3.1V±1.0%
S-T111B31MC-OGQTFG
3.2V±1.0%
S-T111B32MC-OGRTFG
3.3V±1.0%
S-T111B33MC-OGSTFG
3.4V±1.0%
S-T111B34MC-OGTTFG
3.5V±1.0%
S-T111B35MC-OGUTFG
3.6V±1.0%
S-T111B36MC-OGVTFG
3.7V±1.0%
S-T111B37MC-OGWTFG
3.8V±1.0%
S-T111B38MC-OGXTFG
3.9V±1.0%
S-T111B39MC-OGYTFG
4.0V±1.0%
S-T111B40MC-OGZTFG
4.1V±1.0%
S-T111B41MC-OHATFG
4.2V±1.0%
S-T111B42MC-OHBTFG
4.3V±1.0%
S-T111B43MC-OHCTFG
4.4V±1.0%
S-T111B44MC-OHDTFG
4.5V±1.0%
S-T111B45MC-OHETFG
4.6V±1.0%
S-T111B46MC-OHFTFG
4.7V±1.0%
S-T111B47MC-OHGTFG
4.8V±1.0%
S-T111B48MC-OHHTFG
4.9V±1.0%
S-T111B49MC-OHITFG
5.0V±1.0%
S-T111B50MC-OHJTFG
5.1V±1.0%
S-T111B51MC-OHKTFG
5.2V±1.0%
S-T111B52MC-OHLTFG
5.3V±1.0%
S-T111B53MC-OHMTFG
5.4V±1.0%
S-T111B54MC-OHNTFG
5.5V±1.0%
S-T111B55MC-OHOTFG
Remark Please contact our sales office for products with type A.


Similar Part No. - S-T111B40MC-OGZTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111B40MC-OGZTFX ABLIC-S-T111B40MC-OGZTFX Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-T111B40MC-OGZTFG

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com