Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1701E5042-M5T1G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-1701E5042-M5T1G
Description  HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1701E5042-M5T1G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-1701E5042-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1701E5042-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-1701 Series
Rev.2.4_00
Seiko Instruments Inc.
6
2. Function list according to product type
Table 1
Regulator Block
Detector Block
Product
Type
ON/OFF Pin
ON/OFF Logic
SENSE Pin
Release Delay
Time
A
Provided
Active high
VIN connection
(pin not provided)
No delay (60
µs)
B
Provided
Active high
VIN connection
(pin not provided)
50 ms
C
Provided
Active high
VIN connection
(pin not provided)
100 ms
D
Provided
Active high
VOUT connection
(pin not provided)
No delay (60
µs)
E
Provided
Active high
VOUT connection
(pin not provided)
50 ms
F
Provided
Active high
VOUT connection
(pin not provided)
100 ms
G
Provided
Active low
VIN connection
(pin not provided)
No delay (60
µs)
H
Provided
Active low
VIN connection
(pin not provided)
50 ms
J
Provided
Active low
VIN connection
(pin not provided)
100 ms
K
Provided
Active low
VOUT connection
(pin not provided)
No delay (60
µs)
L
Provided
Active low
VOUT connection
(pin not provided)
50 ms
M
Provided
Active low
VOUT connection
(pin not provided)
100 ms
N
VIN connection
(pin not provided)
None
Provided
No delay (60
µs)
P
VIN connection
(pin not provided)
None
Provided
50 ms
Q
VIN connection
(pin not provided)
None
Provided
100 ms
R
VDOUT connection
(pin not provided)
None
Provided
No delay (60
µs)
S
VDOUT connection
(pin not provided)
None
Provided
50 ms
T
VDOUT connection
(pin not provided)
None
Provided
100 ms
U
VIN connection
(pin not provided)
None
VOUT connection
(pin not provided)
No delay (60
µs)
V
VIN connection
(pin not provided)
None
VOUT connection
(pin not provided)
50 ms
W
VIN connection
(pin not provided)
None
VOUT connection
(pin not provided)
100 ms
X
VIN connection
(pin not provided)
None
VIN connection
(pin not provided)
No delay (60
µs)
Y
VIN connection
(pin not provided)
None
VIN connection
(pin not provided)
50 ms
Z
VIN connection
(pin not provided)
None
VIN connection
(pin not provided)
100 ms


Similar Part No. - S-1701E5042-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701E5042-M5T1X ABLIC-S-1701E5042-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1701E5042-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com