Part Name
         Description
IDT2305_07

 3.3V ZERO DELAY CLOCK BUFFER ( 11 Page)


IDT
100% 
Zoom Out Zoom In
 
 2 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305
3.3VZERODELAYCLOCKBUFFER
REF
CLK1
2
3
4
8
7
6
5
1
CLK2
GND
CLKOUT
CLK4
VDD
CLK3
PIN CONFIGURATION
SOIC
TOP VIEW
Symbol
Rating
Max.
Unit
VDD
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
Input Voltage Range (REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5 to
V
(except REF)
VDD+0.5
IIK (VI < 0)
Input Clamp Current
–50
mA
IO (VO = 0 to VDD)
ContinuousOutputCurrent
±50
mA
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(in still air)(3)
TSTG
StorageTemperatureRange
–65 to +150
° C
Operating
CommercialTemperature
0 to +70
° C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
° C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150°C and a board trace length of 750 mils.
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)
APPLICATIONS:
SDRAM
Telecom
Datacom
PC Motherboards/Workstations
Critical Path Delay Designs
Pin Name
Pin Number
Type
Functional Description
REF(1)
1
I N
Input reference clock, 5 Volt tolerant input
CLK2(2)
2
Out
Output clock
CLK1(2)
3
Out
Output clock
GND
4
Ground
Ground
CLK3(2)
5
Out
Output clock
VDD
6
PWR
3.3V Supply
CLK4(2)
7
Out
Output clock
CLKOUT(2)
8
Out
Output clock, internal feedback on this pin



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDTCSP2510D3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
IDT2305B3.3V ZERO DELAY CLOCK BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
SY89538L_063.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay 1 2 3 4 5 MoreMicrel Semiconductor
CY23EP052.5V or 3.3V 10- 220 MHz Low Jitter 5 Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
XRK39653_06113.3V 8-OUTPUT ZERO DELAY BUFFER 1 2 3 4 5 MoreExar Corporation
CY2308_073.3V Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
NB2304A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
CY29352_072.5V or 3.3V 200-MHz 11-Output Zero Delay Buffer 1 2 3 4 5 MoreCypress Semiconductor
NB2305A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl