Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80916CLMC-G6LT2G Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-80916CLMC-G6LT2G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80916CLMC-G6LT2G Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-80916CLMC-G6LT2G Datasheet HTML 1Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 2Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 3Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 4Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 5Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 6Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 7Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 8Page - Seiko Instruments Inc S-80916CLMC-G6LT2G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev.3.3_00
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-809xxC Series
Seiko Instruments Inc.
1
The S-809xxC Series is a high-precision voltage
detector developed using CMOS process.
The
detection voltage is fixed internally with an accuracy of
±2.0 %. A time delayed reset can be accomplished
with the addition of an external capacitor. Two output
forms,
Nch
open-drain
and
CMOS
output,
are
available.
Features
• Ultra-low current consumption
1.0
μA typ. (Detection voltage ≤ 1.4 V, at V
DD=2.0 V)
1.1
μA typ. (Detection voltage ≥ 1.5 V, at V
DD=3.5 V)
• High-precision detection voltage ±2.0 %
• Operating voltage range
0.7 V to 10.0 V
• Hysteresis characteristics
5 % typ.
• Detection voltage
1.3 V to 6.0 V (0.1 V step)
• Output forms
Nch open-drain output (Active Low)
CMOS output (Active Low)
• Lead-free products
Applications
• Power supply monitor for portable equipment such as notebook PCs, digital still cameras, PDAs and
cellular phones
• Constant voltage power monitor for cameras, video equipment and communication equipment
• Power monitor and reset for CPUs and microcomputers
Packages
Package name
Drawing code
Package
Tape
Reel
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A


Similar Part No. - S-80916CLMC-G6LT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80916CLMC-G6LT2X ABLIC-S-80916CLMC-G6LT2X Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
More results

Similar Description - S-80916CLMC-G6LT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com