Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6254ACR2 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # MC100ES6254ACR2
Description  2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES6254ACR2 Datasheet(HTML) 1 Page - Integrated Device Technology

  MC100ES6254ACR2 Datasheet HTML 1Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 2Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 3Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 4Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 5Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 6Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 7Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 8Page - Integrated Device Technology MC100ES6254ACR2 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH
AND FANOUT BUFFER
MC100ES6254
IDT™ / ICS™ 2.5V/3.3V LVPECL CLOCK SWITCH AND FANOUT BUFFER
1
MC100ES6254 REV. 6 OCTOBER 18, 2007
The Freescale MC100ES6254 is a bipolar monolithic differential 2x2 clock switch and
fanout buffer. Designed for most demanding clock distribution systems, the
MC100ES6254 supports various applications that require a large number of outputs to
drive precisely aligned clock signals. The device is capable of driving and switching
differential LVPECL signals. Using SiGe technology and a fully differential architecture, the
device offers superior digital signal characteristics and very low clock skew error. Target
applications for this clock driver are high performance clock/data switching, clock
distribution or data loopback in computing, networking and telecommunication systems.
Features
Fully differential architecture from input to all outputs
SiGe technology supports near-zero output skew
Supports DC to 3 GHz operation(1) of clock or data signals
LVPECL compatible differential clock inputs and outputs
LVCMOS compatible control inputs
Single 3.3 V or 2.5 V supply
50 ps maximum device skew(1)
Synchronous output enable eliminating output runt pulse generation and metastability
Standard 32 lead LQFP package
Industrial temperature range
32-lead Pb-free package available
Functional Description
MC100ES6254 is designed for very skew critical differential clock distribution systems
and supports clock frequencies from DC up to 3.0 GHz. Typical applications for the
MC100ES6254 are primary clock distribution, switching and loopback systems of high-
performance computer, networking and telecommunication systems, as well as on-board
clocking of OC-3, OC-12 and OC-48 speed communication systems. Primary purpose of
the MC100ES6254 is high-speed clock switching applications. In addition, the
MC100ES6254 can be configured as single 1:6 or dual 1:3 LVPECL fanout buffer for clock
signals, or as loopback device in high-speed data applications.
The MC100ES6254 can be operated from a 3.3 V or 2.5 V positive supply without the
requirement of a negative supply line.
1. The device is functional up to 3 GHz and characterized up to 2.7 GHz.
ORDERING INFORMATION
Device
Package
MC100ES6254FA
LQFP-32
MC100ES6254FAR2
LQFP-32
MC100ES6254AC
LQFP-32 (Pb-Free)
MC100ES6254ACR2
LQFP-32 (Pb-Free)
2.5/3.3 V DIFFERENTIAL
LVPECL 2x2
CLOCK SWITCH
AND FANOUT BUFFER
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-04
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04


Similar Part No. - MC100ES6254ACR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6254ACR2 RENESAS-MC100ES6254ACR2 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
More results

Similar Description - MC100ES6254ACR2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com