Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V9885 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT5V9885
Description  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9885 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT5V9885 Datasheet HTML 7Page - Integrated Device Technology IDT5V9885 Datasheet HTML 8Page - Integrated Device Technology IDT5V9885 Datasheet HTML 9Page - Integrated Device Technology IDT5V9885 Datasheet HTML 10Page - Integrated Device Technology IDT5V9885 Datasheet HTML 11Page - Integrated Device Technology IDT5V9885 Datasheet HTML 12Page - Integrated Device Technology IDT5V9885 Datasheet HTML 13Page - Integrated Device Technology IDT5V9885 Datasheet HTML 14Page - Integrated Device Technology IDT5V9885 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
INDUSTRIALTEMPERATURERANGE
IDT5V9885
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
The spread spectrum parameters such as the modulation frequency and profile will not be enabled nor will it have any impact on the PLL output when the
PLLisprogrammedforfractionaldivide.
The following is an example of how to set the fractional divider.
Example
FIN = 20MHz, FOUT1 = 168.75MHz, FOUT2 = 350MHz
Solving for 350MHz using Eq.2 and Eq.3 with PLL0 and spread spectrum off,
350MHz = 20MHz * (M / D)
P * 2
For better jitter performance, keep D as small as possible
350MHz * 2 = M = 35
20MHz
P
1
Therefore, we have D = 1, M = 35 (N = 16, A = 2) for PLL0 with P = 1 on output bank4 resulting in 350MHz.
Solving for 168.75MHz with PLL1 and fractional divide enabled:
168.75MHz = 20MHz * (M / D)
P * 2
168.75MHz * 2 = M = 16.875 or 33.75
20MHz
P
1
2
The 33.75 value is chosen to achieve the highest VCO frequency possible. Next step is to figure out the setting for the fractional divide using Eq.3.
33.75 = 2*N + A + 1 + SS_OFFSET * 1/64
Integer value 33 can be determined by N and A, thus leaving 0.75 left to be solved.
2*N + A + 1 = 33
SS_OFFSET = 64 * 0.75 = 48
Therefore, we have D=1, M=33.75 (N=15, A=2, SS_OFFSET=48) for PLL1 with P=2 on an output bank resulting in 168.75MHz.
Thefractionaldividercanbedeterminedifitisneededbyfollowingthestepsinthepreviousexample. Notethatthe5v9885 shouldnotbeprogrammedwith
TSSC > '0', SS_OFFSET = '0', and SD = '0' in order to prevent an unstable state in the modulator. The A[3:0] must be used and set to be greater than '2' for
amoreaccuratefractionaldivide.


Similar Part No. - IDT5V9885

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885BNLGI IDT-IDT5V9885BNLGI Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885BPFGI IDT-IDT5V9885BPFGI Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - IDT5V9885

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com