Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V9885B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT5V9885B
Description  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9885B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT5V9885B Datasheet HTML 6Page - Integrated Device Technology IDT5V9885B Datasheet HTML 7Page - Integrated Device Technology IDT5V9885B Datasheet HTML 8Page - Integrated Device Technology IDT5V9885B Datasheet HTML 9Page - Integrated Device Technology IDT5V9885B Datasheet HTML 10Page - Integrated Device Technology IDT5V9885B Datasheet HTML 11Page - Integrated Device Technology IDT5V9885B Datasheet HTML 12Page - Integrated Device Technology IDT5V9885B Datasheet HTML 13Page - Integrated Device Technology IDT5V9885B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
INDUSTRIALTEMPERATURERANGE
IDT5V9885B
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
Example
FIN = 25MHz, FOUT = 100MHz, Fssc = 33KHz with center spread of ±2%. Find the necessary spread spectrum register settings.
Sincethespreadiscenter,theSS_OFFSETcanbesetto'0'. SolveforthenominalMvalue;keepinmindthatthenominalMshouldbechosentomaximize
the VCO. Start with D = 1, using Eq.10 and Eq.11.
MNOM = 1100MHz / 25MHz = 44
Using Eq.4, we arbitrarily choose N = 20, A = 3. Now that we have the nominal M value, we can determine TSSC and NSSC by using Eq.12.
Nssc * Tssc = 25MHz / (33KHz * 4) = 190
However, using Eq. 7 and Eq.8, we find that the closest value is when TSSC = 14 and NSSC = 6. Keep in mind to maximize the number of samples used
toenhancetheprofileofthespreadspectrumwaveform.
Tssc = 14 + 2 = 16
Nssc = 6 * 2 = 12
Nssc * Tssc = 192
UseEq.14todeterminethevalueofthesigma-delta-encodedsamples.
±2% =
ΣΔ * 100
64 * 44
ΣΔ = 56.32
Eitherroundupordowntothenearestintegervalue. Therefore,weendupwith56or57forsigma-delta-encodedsamples. Sincethesigma-delta-encoded
samples must not exceed 63 with SS_OFFSET set to '0', 56 or 57 is well within the limits. It is the discretion of the user to define the shape of the profile that
isbettersuitedfortheintendedapplication.
Using Eq.14 again, the actual spread for the sigma-delta-encoded samples of 56 and 57 are ±1.99% and ±2.02%, respectively.
Use Eq.10 to determine if the X2 bit needs to be set;
Amplitude = 44 * (1.99 or 2.02) / 100 = 0.44 < 1
2
Therefore, the X2 = '0 '. The dither bit is left to the discretion of the user.
The example above was of a center spread using spread spectrum. For down spread, the nominal M value can be set one integer value lower to 43.
Note that the 5V9885B should not be programmed with TSSC > '0', SS_OFFSET = '0', and SD = '0' in order to prevent an unstable state in the modulator.
ThePLLloopbandwidthmustbeatleast10xthemodulationfrequencyalongwithhigherdamping(larger
ωuz)topreventthespreadspectrumfrombeingfiltered
andreduceextraneousnoise. RefertotheLOOPFILTERsectionformoredetailon
ωuz.TheA[3:0]mustbeusedforspreadspectrum,evenifthetotalmultiplier
value is an even integer.
FRACTIONAL DIVIDER
There is the option for the feedback-divider to be programmed as a fractional divider for only PLL0 and PLL. By setting TSSC > '0' and SD bits to '0', the
SS_OFFSETbitswoulddeterminethefractionaldividevalue.SeetheSPREADSPECTRUMGENERATIONsectionformoredetailsonthe TSSC,SD,and
SS_OFFSET bits. The following equation governs how the fractional divide value is set.
M = 2*N[11:0] + A[3:0] + 1 + SS_OFFSET[5:0] *1/64


Similar Part No. - IDT5V9885B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885NLGI IDT-IDT5V9885NLGI Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885PFGI IDT-IDT5V9885PFGI Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

Similar Description - IDT5V9885B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com