Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1206B51-I6T2G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1206B51-I6T2G
Description  ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1206B51-I6T2G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1206B51-I6T2G Datasheet HTML 6Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 7Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 8Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 9Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 10Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 11Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 12Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 13Page - Seiko Instruments Inc S-1206B51-I6T2G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 Series
Rev.1.1_00
Seiko Instruments Inc.
10
Technical Terms
1. Low Dropout Voltage Regulator
The low dropout voltage regulator is a voltage regulator whose dropout voltage is low due to its built-in low-on-
resistance transistor.
2. Low Equivalent Series Resistance
A capacitor whose equivalent series resistance (RESR) is low. The S-1206 Series enables use of a low equivalent
series resistance capacitor, such as a ceramic capacitor, for the output-side capacitor (CL).
3. Output Voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% or ±15 mV
*2 under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1.
Differs depending on the product.
*2.
When VOUT < 1.5 V :
±15 mV, When 1.5 V ≤ VOUT : ±1.0%
Caution If the above conditions change, the output voltage value may vary and exceed the accuracy range
of the output voltage. Refer to the “
Electrical Characteristics” and “
Characteristics (Typical
Data)” for details.
4. Line Regulation


OUT
IN
OUT1
V
∆V
∆V
Indicates the dependency of the output voltage on the input voltage. That is, the values show how much the output
voltage changes due to a change in the input voltage with the output current remaining unchanged.
5. Load Regulation (
∆VOUT2)
Indicates the dependency of the output voltage on the output current. That is, the values show how much the output
voltage changes due to a change in the output current with the input voltage remaining unchanged.
6. Dropout Voltage (Vdrop)
Indicates the difference between the input voltage (VIN1), which is the input voltage (VIN) at the point where the output
voltage has fallen to 98% of the output voltage value (VOUT3) after VIN was gradually decreased from VIN = VOUT(S)
+
1.0 V, and the output voltage at that point (VOUT3
× 0.98).
Vdrop = VIN1
− (VOUT3 × 0.98)


Similar Part No. - S-1206B51-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206B51-I6T2U ABLIC-S-1206B51-I6T2U Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Similar Description - S-1206B51-I6T2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
   ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
ACE Technology Co., LTD...
ACE5016A ACE-ACE5016A Datasheet
773Kb / 11P
   Ultra Low Current Consumption 300mA CMOS Voltage Regulator
VER 1.1
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com