Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8211CBB-I6T1G Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8211CBB-I6T1G
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8211CBB-I6T1G Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8211CBB-I6T1G Datasheet HTML 1Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 2Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 3Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 4Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 5Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 6Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 7Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-8211CBB-I6T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.5.0_00
Seiko Instruments Inc.
4
2. Product Name List
(1) SOT-23-5
Table 1
Product Name / Item
Overcharge
Detection
Voltage
VCU
Overcharge
Release
Voltage
VCL
Over-discharge
Detection
Voltage
VDL
Over-discharge
Release
Voltage
VDU
Discharge
Overcurrent
Detection
Voltage
VDIOV
0 V Battery
Charge
Function
Delay Time
Combination
*1
S-8211CAA-M5T1G
4.275 V
4.175 V
2.30 V
2.40 V
0.10 V
Available
(1)
S-8211CAB-M5T1G
4.325 V
4.075 V
2.50 V
2.90 V
0.15 V
Unavailable
(2)
S-8211CAD-M5T1G
4.350 V
4.150 V
2.30 V
3.00 V
0.20 V
Available
(3)
S-8211CAE-M5T1G
4.280 V
4.180 V
2.30 V
2.30 V
0.12 V
Available
(4)
S-8211CAF-M5T1G
4.275 V
4.275 V
2.30 V
2.30 V
0.10 V
Available
(5)
S-8211CAH-M5T1G
4.280 V
4.080 V
2.30 V
2.30 V
0.08 V
Available
(1)
S-8211CAI-M5T1G
4.280 V
4.080 V
2.30 V
2.30 V
0.10 V
Available
(1)
S-8211CAJ-M5T1G
4.280 V
4.080 V
2.30 V
2.30 V
0.10 V
Unavailable
(1)
S-8211CAK-M5T1G
4.280 V
4.080 V
2.30 V
2.30 V
0.13 V
Unavailable
(1)
S-8211CAL-M5T1G
4.280 V
4.130 V
2.60 V
3.10 V
0.15 V
Unavailable
(1)
S-8211CAM-M5T1G
4.280 V
4.130 V
2.80 V
3.10 V
0.15 V
Unavailable
(1)
S-8211CAN-M5T1G
4.200 V
4.100 V
2.80 V
2.90 V
0.15 V
Unavailable
(1)
S-8211CAO-M5T1G
4.275 V
4.075 V
2.30 V
2.30 V
0.12 V
Available
(5)
S-8211CAP-M5T1G
4.275 V
4.075 V
2.30 V
2.30 V
0.13 V
Available
(5)
S-8211CAQ-M5T1G
4.275 V
4.075 V
2.30 V
2.30 V
0.15 V
Available
(5)
S-8211CAR-M5T1G
4.275 V
4.075 V
2.30 V
2.30 V
0.15 V
Available
(1)
S-8211CAS-M5T1G
4.280 V
4.130 V
2.80 V
3.10 V
0.10 V
Unavailable
(1)
S-8211CAT-M5T1G
4.275 V
4.075 V
2.80 V
3.10 V
0.10 V
Available
(4)
S-8211CAU-M5T1G
4.280 V
4.130 V
2.80 V
3.10 V
0.05 V
Unavailable
(1)
S-8211CAV-M5T1G
4.325 V
4.075 V
2.50 V
2.90 V
0.15 V
Available
(2)
S-8211CAY-M5T1G
4.280 V
4.280 V
2.80 V
2.80 V
0.05 V
Available
(1)
S-8211CAZ-M5T1G
4.280 V
4.280 V
3.00 V
3.00 V
0.075 V
Available
(1)
*1. Refer to the Table 3 about the details of the delay time combinations (1) to (7).
Remark Please contact our sales office for the products with detection voltage value other than those specified above.


Similar Part No. - S-8211CBB-I6T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8211CBB-I6T1U ABLIC-S-8211CBB-I6T1U Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
More results

Similar Description - S-8211CBB-I6T1G

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com