Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89110A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-89110A
Description  MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89110A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-89110A Datasheet HTML 7Page - Seiko Instruments Inc S-89110A Datasheet HTML 8Page - Seiko Instruments Inc S-89110A Datasheet HTML 9Page - Seiko Instruments Inc S-89110A Datasheet HTML 10Page - Seiko Instruments Inc S-89110A Datasheet HTML 11Page - Seiko Instruments Inc S-89110A Datasheet HTML 12Page - Seiko Instruments Inc S-89110A Datasheet HTML 13Page - Seiko Instruments Inc S-89110A Datasheet HTML 14Page - Seiko Instruments Inc S-89110A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MINI ANALOG SERIES
CMOS OPERATIONAL AMPLIFIER
Rev.2.2_00
S-89110A/89120A
Seiko Instruments Inc.
11
Characteristics (Reference Data)
1. Current consumption vs. Power supply voltage
(a) S-89110A
IDD−VDD, VSS = 0 V
(b) S-89120A
IDD−VDD, VSS = 0 V
100
80
60
40
20
0
VDD (V)
0
1
2
3
4
5
6
85
°C
25
°C
Ta
=−40°C
20
15
10
5
0
VDD (V)
01
2
3
4
5
6
85
°C
25
°C
Ta
=−40°C
2. Voltage gain vs. Frequency
(a) S-89110A
GV−f, VDD = 3.0 V, VSS = 0 V
(b) S-89120A
GV−f, VDD = 3.0 V, VSS = 0 V
100
80
60
40
20
0
f (kHz)
0.001 0.01
0.1
1
10
100 1000
85
°C
25
°C
Ta
=−40°C
100
80
60
40
20
0
f (kHz)
0.001 0.01
0.1
1
10
100 1000
Ta
=−40°C
85
°C
25
°C
3. Output current
3-1. ISOURCE vs. Power supply voltage
(a) S-89110A
ISOURCE−VDD, VOH = 0 V , VSS = 0 V
(b) S-89120A
ISOURCE−VDD, VOH = 0 V , VSS = 0 V
500
400
300
200
100
0
VDD (V)
0
1
2
3
4
5
6
25
°C
85
°C
Ta
=−40°C
100
80
60
40
20
0
VDD (V)
01
2
3
4
5
6
25
°C
85
°C
Ta
=−40°C


Similar Part No. - S-89110A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110AMC-1A1-TFU SII-S-89110AMC-1A1-TFU Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89110AMC-1A1-TFU SII-S-89110AMC-1A1-TFU Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110ANC-1A1-TFZ SII-S-89110ANC-1A1-TFZ Datasheet
1Mb / 34P
   MINI ANALOG SERIES
S-89110ANC-1A1-TFz SII-S-89110ANC-1A1-TFz Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89110A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S89110 SII-S89110 Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S89130 SII-S89130 Datasheet
1Mb / 26P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89713B SII-S-89713B Datasheet
952Kb / 23P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89713 SII-S89713 Datasheet
1Mb / 24P
   MINI ANALOG SERIES LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com